Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25667-A3297-A375 Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # B25667-A3297-A375
Description  Compact design Enhanced inrush current withstand capability
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

B25667-A3297-A375 Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button B25667-A3297-A375 Datasheet HTML 7Page - Siemens Semiconductor Group B25667-A3297-A375 Datasheet HTML 8Page - Siemens Semiconductor Group B25667-A3297-A375 Datasheet HTML 9Page - Siemens Semiconductor Group B25667-A3297-A375 Datasheet HTML 10Page - Siemens Semiconductor Group B25667-A3297-A375 Datasheet HTML 11Page - Siemens Semiconductor Group B25667-A3297-A375 Datasheet HTML 12Page - Siemens Semiconductor Group B25667-A3297-A375 Datasheet HTML 13Page - Siemens Semiconductor Group B25667-A3297-A375 Datasheet HTML 14Page - Siemens Semiconductor Group B25667-A3297-A375 Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
322
Siemens Matsushita Components
400 Vac / 3 ph / 12,5 kvar
MKK-400-D-12,5-01
Ordering code: B25667-A3247-A375
Characteristics
CN, tol.
3
× 82,9 µF +10/–5 %
QN
3
× 12,5 kvar
UN
3
× AC 400 V
fN
3
× 50 Hz
IN
3
× 18 A
tan
δ
0
3
× 2 · 10–4
Maximum ratings
Umax
1,1 ·
UN, 8 h daily
Imax
1,3 ·
IN
Is
200 ·
IN
(d
u/dt)max
14 V/
µs
(d
u/dt)s
35 V/
µs
Test data
UTT
AC 860 V, 10 s
UTC
AC 3000 V, 50 Hz, 10 s
tan
δ (50 Hz) ≤ 6 · 10–4
Climatic category – 25/D
Θ
min
– 25
°C
Θ
max
+ 55
°C
Humidity
Average relative humidity
≤ 75 %
tLD(co)
100000 h
Θ
stg
– 55 to + 70
°C
Remarks
Natural cooling
Delta connection
IEC 831-1/2, EN 60831-1/2, VDE 560-46/47
Design data
Dimensions
∅× l
121,6 mm
× 164 mm
Approx. weight
1300 g
Impregnation
Gas
Fixing
Threaded bolt M12
Mounting hole
14 mm
Max. torque
10 Nm
Terminals
Safe-to-touch terminals
Max. torque
1,2 Nm
Terminal cross section 16 mm2
Creepage distance
12,7 mm
Clearance
9,6 mm
Overpressure disconnector
Any mounting position
Black painted case
KLK1397-K
16,8±0,5
0,6
116,2
M12
_
B 25 667
Power Factor Correction and Filtering


Similar Part No. - B25667-A3297-A375

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667-A3297-A375 EPCOS-B25667-A3297-A375 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
More results

Similar Description - B25667-A3297-A375

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603HIXXXF BOURNS-SF-0603HIXXXF Datasheet
570Kb / 5P
   High Inrush Current Withstand Surface Mount Fuses
SF-0603HIXXXM BOURNS-SF-0603HIXXXM Datasheet
424Kb / 5P
   High Inrush Current Withstand Surface Mount Fuses
SF-0603HIXXXM BOURNS-SF-0603HIXXXM_19 Datasheet
410Kb / 6P
   High Inrush Current Withstand Surface Mount Fuses
logo
Mitsubishi Electric Sem...
LK1AF MITSUBISHI-LK1AF Datasheet
49Kb / 3P
   SLIM POWER RELAY WITH HIGH INRUSH CURRENT CAPABILITY
logo
Bourns Electronic Solut...
SF-0603HI-F BOURNS-SF-0603HI-F Datasheet
244Kb / 5P
   SF-0603HI-F Series - High Inrush Current Withstand Surface Mount Fuses
REV. C 03/21
logo
Littelfuse
LFUSCD20120B LITTELFUSE-LFUSCD20120B Datasheet
564Kb / 4P
   Enhanced surge capability
LFUSCD10120A LITTELFUSE-LFUSCD10120A Datasheet
572Kb / 4P
   Enhanced surge capability
LFUSCD05120A LITTELFUSE-LFUSCD05120A Datasheet
567Kb / 4P
   Enhanced surge capability
LFUSCD30120B LITTELFUSE-LFUSCD30120B Datasheet
567Kb / 4P
   Enhanced surge capability
LFUSCD15120A LITTELFUSE-LFUSCD15120A Datasheet
572Kb / 4P
   Enhanced surge capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com