Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7I643684M-FECI25 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K7I643684M-FECI25
Description  72Mb DDRII SRAM Specification
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7I643684M-FECI25 Datasheet(HTML) 3 Page - Samsung semiconductor

  K7I643684M-FECI25 Datasheet HTML 1Page - Samsung semiconductor K7I643684M-FECI25 Datasheet HTML 2Page - Samsung semiconductor K7I643684M-FECI25 Datasheet HTML 3Page - Samsung semiconductor K7I643684M-FECI25 Datasheet HTML 4Page - Samsung semiconductor K7I643684M-FECI25 Datasheet HTML 5Page - Samsung semiconductor K7I643684M-FECI25 Datasheet HTML 6Page - Samsung semiconductor K7I643684M-FECI25 Datasheet HTML 7Page - Samsung semiconductor K7I643684M-FECI25 Datasheet HTML 8Page - Samsung semiconductor K7I643684M-FECI25 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
2Mx36 & 4Mx18 DDRII CIO b4 SRAM
K7I643684M
K7I641884M
- 3 -
Rev. 1.3 March 2007
2Mx36-bit, 4Mx18-bit DDRII CIO b4 SRAM
FEATURES
FUNCTIONAL BLOCK DIAGRAM
• 1.8V+0.1V/-0.1V Power Supply.
• DLL circuitry for wide output data valid window and future fre-
quency scaling.
• I/O Supply Voltage 1.5V+0.1V/-0.1V for 1.5V I/O,
1.8V+0.1V/-0.1V for 1.8V I/O
.
• Pipelined, double-data rate operation.
• Common data input/output bus.
• HSTL I/O
• Full data coherency, providing most current data.
• Synchronous pipeline read with self timed late write.
• Registered address, control and data input/output.
• DDR(Double Data Rate) Interface on read and write ports.
• Fixed 4-bit burst for both read and write operation.
• Clock-stop supports to reduce current.
• Two input clocks(K and K) for accurate DDR timing at clock
rising edges only.
• Two input clocks for output data(C and C) to minimize
clock-skew and flight-time mismatches.
• Two echo clocks (CQ and CQ) to enhance output data
traceability.
• Single address bus.
• Byte write function.
• Simple depth expansion with no data contention.
• Programmable output impedance.
• JTAG 1149.1 compatible test access port.
• 165FBGA(11x15 ball array FBGA) with body size of 15x17mm
& Lead Free
* -F(E)C(I)
F(E) [Package type]: E-Pb Free, F-Pb
C(I) [Operating Temperature]: C-Commercial, I-Industrial
Org.
Part
Number
Cycle
Time
Access
Time
Unit
RoHS
Avail.
X36
K7I643684M-F(E)C(I)30
3.3
0.45
ns
K7I643684M-F(E)C(I)25
4.0
0.45
ns
K7I643684M-FC(I)20
5.0
0.45
ns
K7I643684M-FC(I)16
6.0
0.50
ns
X18
K7I641884M-F(E)C(I)30
3.3
0.45
ns
K7I641884M-F(E)C(I)25
4.0
0.45
ns
K7I641884M-FC(I)20
5.0
0.45
ns
K7I641884M-FC(I)16
6.0
0.50
ns
LD
ADDRESS
R/W
C
C
ADD REG
&
BURST
LOGIC
DATA
REG
CLK
GEN
CTRL
LOGIC
2Mx36
(4Mx18)
MEMORY
ARRAY
WRITE DRIVER
K
K
BWX
4(or 2)
DQ
SELECT OUTPUT CONTROL
Notes: 1. Numbers in ( ) are for x18 device.
19
19 (or 20)
36 (or 18)
36 (or 18)
72
72
(Echo Clock out)
CQ, CQ
36 (or 18)
A0,A1
DDRII SRAM and Double Data Rate comprise a new family of products developed by Cypress, Renesas, IDT, NEC and Samsung technology.
(or 20)
(or 36)
(or 36)


Similar Part No. - K7I643684M-FECI25

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7I643682M SAMSUNG-K7I643682M Datasheet
309Kb / 17P
   72Mb M-die DDRII SRAM Specification 165 FBGA with Pb & Pb-Free (RoHS compliant)
K7I643682M-EI16 SAMSUNG-K7I643682M-EI16 Datasheet
309Kb / 17P
   72Mb M-die DDRII SRAM Specification 165 FBGA with Pb & Pb-Free (RoHS compliant)
K7I643682M-EI20 SAMSUNG-K7I643682M-EI20 Datasheet
309Kb / 17P
   72Mb M-die DDRII SRAM Specification 165 FBGA with Pb & Pb-Free (RoHS compliant)
K7I643682M-EI25 SAMSUNG-K7I643682M-EI25 Datasheet
309Kb / 17P
   72Mb M-die DDRII SRAM Specification 165 FBGA with Pb & Pb-Free (RoHS compliant)
K7I643682M-EI30 SAMSUNG-K7I643682M-EI30 Datasheet
309Kb / 17P
   72Mb M-die DDRII SRAM Specification 165 FBGA with Pb & Pb-Free (RoHS compliant)
More results

Similar Description - K7I643684M-FECI25

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7J643682M SAMSUNG-K7J643682M Datasheet
320Kb / 17P
   72Mb M-die DDRII SRAM Specification
K7I643682M SAMSUNG-K7I643682M Datasheet
309Kb / 17P
   72Mb M-die DDRII SRAM Specification 165 FBGA with Pb & Pb-Free (RoHS compliant)
K7I163682B SAMSUNG-K7I163682B_06 Datasheet
416Kb / 18P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
K7I163684B SAMSUNG-K7I163684B Datasheet
422Kb / 18P
   512Kx36 & 1Mx18 DDRII CIO b4 SRAM
K7I323684C SAMSUNG-K7I323684C Datasheet
419Kb / 18P
   1Mx36 & 2Mx18 DDRII CIO b4 SRAM
K7I323682M SAMSUNG-K7I323682M Datasheet
377Kb / 17P
   1Mx36 & 2Mx18 DDRII CIO b2 SRAM
K7I643682M SAMSUNG-K7I643682M_07 Datasheet
417Kb / 18P
   2Mx36 & 4Mx18 DDRII CIO b2 SRAM
K7K1636T2C SAMSUNG-K7K1636T2C Datasheet
407Kb / 19P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
K7K1636U2C SAMSUNG-K7K1636U2C Datasheet
600Kb / 19P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
K7K3236T2C SAMSUNG-K7K3236T2C Datasheet
406Kb / 19P
   1Mx36 & 2Mx18 DDRII CIO b2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com