Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41505A0128M002 Datasheet(PDF) 6 Page - EPCOS

Part # B41505A0128M002
Description  Snap-In Capacitors Excellent Performance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41505A0128M002 Datasheet(HTML) 6 Page - EPCOS

Back Button B41505A0128M002 Datasheet HTML 2Page - EPCOS B41505A0128M002 Datasheet HTML 3Page - EPCOS B41505A0128M002 Datasheet HTML 4Page - EPCOS B41505A0128M002 Datasheet HTML 5Page - EPCOS B41505A0128M002 Datasheet HTML 6Page - EPCOS B41505A0128M002 Datasheet HTML 7Page - EPCOS B41505A0128M002 Datasheet HTML 8Page - EPCOS B41505A0128M002 Datasheet HTML 9Page - EPCOS B41505A0128M002 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
260 10/02
Excellent Performance 105 °C
B41505 / B43505
Overview of available types
Type B 43 505
The capacitance and voltage ratings listed above are available in different cases upon request.
Other voltage and capacitance ratings are also available upon request.
UR (VDC)
200
250
400
450
CR (µF)
Case dimensions
d
× l (mm)
100
25
× 30
22
× 45
30
× 30
150
25
× 40
30
× 30
25
× 45
30
× 35
220
22
× 30
25
× 30
30
× 40
35
× 30
30
× 45
35
× 35
330
22
× 40
25
× 40
30
× 30
30
× 50
35
× 40
35
× 50
390
35
× 45
35
× 50
470
25
× 40
30
× 30
30
× 35
35
× 50
680
30
× 40
30
× 45
1 000
35
× 45
35
× 45
1 500
35
× 50


Similar Part No. - B41505A0128M002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41505A0128M000 EPCOS-B41505A0128M000 Datasheet
1Mb / 21P
   Aluminum electrolytic capacitors21
More results

Similar Description - B41505A0128M002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-868-PW-RA ETC2-ANT-868-PW-RA Datasheet
170Kb / 1P
   Excellent performance
logo
SYNERGY MICROWAVE CORPO...
SMQ-C52 SYNERGY-SMQ-C52 Datasheet
463Kb / 4P
   Excellent Performance
logo
STMicroelectronics
STL19N65M5 STMICROELECTRONICS-STL19N65M5 Datasheet
1Mb / 17P
   Excellent switching performance
July 2013 Rev 1
logo
Delta Electronics, Inc.
KEN DELTA-KEN Datasheet
163Kb / 1P
   HIGH PERFORMANCE SNAP-IN FILTERS
logo
List of Unclassifed Man...
XT0013 ETC2-XT0013 Datasheet
168Kb / 2P
   Excellent THD performance
logo
STMicroelectronics
STL17N65M5 STMICROELECTRONICS-STL17N65M5 Datasheet
1Mb / 16P
   Excellent switching performance
July 2013 Rev 3
logo
Surge Components
TG SURGE-TG Datasheet
690Kb / 2P
   excellent temperature performance
logo
STMicroelectronics
STW78N65M5 STMICROELECTRONICS-STW78N65M5 Datasheet
959Kb / 14P
   Excellent switching performance
August 2013 Rev 4
STB15N65M5 STMICROELECTRONICS-STB15N65M5 Datasheet
1Mb / 19P
   Excellent switching performance
November 2012 Rev 1
logo
List of Unclassifed Man...
GP-3004SF ETC2-GP-3004SF Datasheet
444Kb / 2P
   Excellent thermal performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com