Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHN203 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PHN203
Description  Dual N-channel enhancement mode TrenchMOS transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHN203 Datasheet(HTML) 4 Page - NXP Semiconductors

  PHN203 Datasheet HTML 1Page - NXP Semiconductors PHN203 Datasheet HTML 2Page - NXP Semiconductors PHN203 Datasheet HTML 3Page - NXP Semiconductors PHN203 Datasheet HTML 4Page - NXP Semiconductors PHN203 Datasheet HTML 5Page - NXP Semiconductors PHN203 Datasheet HTML 6Page - NXP Semiconductors PHN203 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Philips Semiconductors
Product specification
Dual N-channel enhancement mode
PHN203
TrenchMOS
TM transistor
Fig.5. Typical output characteristics, T
j = 25 ˚C.
I
D = f(VDS); parameter VGS
Fig.6. Typical on-state resistance, T
j = 25 ˚C.
R
DS(ON) = f(ID); parameter VGS
Fig.7. Typical transfer characteristics.
I
D = f(VGS)
Fig.8. Typical transconductance, T
j = 25 ˚C.
g
fs = f(ID)
Fig.9. Normalised drain-source on-state resistance.
R
DS(ON)/RDS(ON)25 ˚C = f(Tj)
Fig.10. Gate threshold voltage.
V
GS(TO) = f(Tj); conditions: ID = 1 mA; VDS = VGS
PHN203
0
1
2
3
4
5
6
7
8
9
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Drain-Source Voltage, VDS (V)
Drain Current, ID (A)
2.6 V
2.8 V
3 V
3.6 V
Tj = 25 C
VGS = 5 V
3.2 V
3.4 V
10V
PHN203
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
012
34567
89
10
Drain current, ID (A)
Transconductance, gfs (S)
VDS > ID X RDS(ON)
Tj = 25 C
150 C
PHN203
0
0.1
0.2
0.3
0.4
0.5
01234
56789
10
Drain Current, ID (A)
Drain-Source On Resistance, RDS(on) (Ohms)
VGS =5 V
2.6V 2.8V
3.4V
10V
Tj = 25 C
3.6V
3.2 V
3 V
-50
0
50
100
150
0
0.5
1
1.5
2
SOT223 30V Trench
Tj / C
a
Normalised RDS(ON) = f(Tj)
PHN203
0
1
2
3
4
5
6
7
8
9
10
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Gate-source voltage, VGS (V)
Drain current, ID (A)
VDS > ID X RDS(ON)
Tj = 25 C
150 C
-60
-40
-20
0
20
40
60
80
100 120 140
Tj / C
VGS(TO) / V
4
3
2
1
0
max.
typ.
min.
January 1999
4
Rev 1.000


Similar Part No. - PHN203

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHN203 NXP-PHN203 Datasheet
204Kb / 13P
   Dual N-channel TrenchMOS logic level FET
Rev. 05-27 April 2010
logo
Nexperia B.V. All right...
PHN203 NEXPERIA-PHN203 Datasheet
767Kb / 13P
   Dual N-channel TrenchMOS logic level FET
Rev. 05 - 27 April 2010
More results

Similar Description - PHN203

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHN210 PHILIPS-PHN210 Datasheet
109Kb / 7P
   Dual N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
IRFZ24N PHILIPS-IRFZ24N Datasheet
64Kb / 8P
   N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
IRFZ44N PHILIPS-IRFZ44N Datasheet
64Kb / 8P
   N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
BSP100 PHILIPS-BSP100 Datasheet
111Kb / 8P
   N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
IRFZ44NS PHILIPS-IRFZ44NS Datasheet
70Kb / 8P
   N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
IRFZ48N PHILIPS-IRFZ48N Datasheet
65Kb / 8P
   N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
PHN70308 PHILIPS-PHN70308 Datasheet
172Kb / 10P
   N-channel enhancement mode TrenchMOS transistor array
May 1999 Rev 1.000
IRLZ34N PHILIPS-IRLZ34N Datasheet
62Kb / 7P
   N-channel enhancement mode Logic level TrenchMOS transistor
February 1999 Rev 1.000
PHKD3NQ10T PHILIPS-PHKD3NQ10T Datasheet
79Kb / 7P
   Dual N-channel TrenchMOS transistor
August 1999 Rev 1.000
logo
Seme LAB
2N7002DCSM SEME-LAB-2N7002DCSM Datasheet
20Kb / 2P
   DUAL N-CHANNEL ENHANCEMENT MODE MOS TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com