Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25667-A5177-A175 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # B25667-A5177-A175
Description  Compact design Enhanced inrush current withstand capability
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

B25667-A5177-A175 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button B25667-A5177-A175 Datasheet HTML 3Page - Siemens Semiconductor Group B25667-A5177-A175 Datasheet HTML 4Page - Siemens Semiconductor Group B25667-A5177-A175 Datasheet HTML 5Page - Siemens Semiconductor Group B25667-A5177-A175 Datasheet HTML 6Page - Siemens Semiconductor Group B25667-A5177-A175 Datasheet HTML 7Page - Siemens Semiconductor Group B25667-A5177-A175 Datasheet HTML 8Page - Siemens Semiconductor Group B25667-A5177-A175 Datasheet HTML 9Page - Siemens Semiconductor Group B25667-A5177-A175 Datasheet HTML 10Page - Siemens Semiconductor Group B25667-A5177-A175 Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
318
Siemens Matsushita Components
B 25 667
Power Factor Correction and Filtering
Dimensional drawing
Dimensions in mm
Mounting parts
Included in delivery:
Discharge resistors
Hex nut
Toothed washer
∅d −1,5
h
± 2,0
∅d
1 −0,6
Creepage distance
min.
Clearance
min.
121,6
164
116,2
12,7
9,6
121,6
200
116,2
12,7
9,6
142
200
136,6
12,7
9,6
KLK1396-C
M12
16,8±0,5
Marking
Torque
T = 10 Nm
Impregnating hole
Torque
T = 1,2 Nm
d
1
Thoothed washer J12,5 DIN 6797
Hex nut M12 ISO 4035
or
nut C61010-A415-C15


Similar Part No. - B25667-A5177-A175

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667-A5177-A175 EPCOS-B25667-A5177-A175 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
More results

Similar Description - B25667-A5177-A175

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603HIXXXF BOURNS-SF-0603HIXXXF Datasheet
570Kb / 5P
   High Inrush Current Withstand Surface Mount Fuses
SF-0603HIXXXM BOURNS-SF-0603HIXXXM Datasheet
424Kb / 5P
   High Inrush Current Withstand Surface Mount Fuses
SF-0603HIXXXM BOURNS-SF-0603HIXXXM_19 Datasheet
410Kb / 6P
   High Inrush Current Withstand Surface Mount Fuses
logo
Mitsubishi Electric Sem...
LK1AF MITSUBISHI-LK1AF Datasheet
49Kb / 3P
   SLIM POWER RELAY WITH HIGH INRUSH CURRENT CAPABILITY
logo
Bourns Electronic Solut...
SF-0603HI-F BOURNS-SF-0603HI-F Datasheet
244Kb / 5P
   SF-0603HI-F Series - High Inrush Current Withstand Surface Mount Fuses
REV. C 03/21
logo
Littelfuse
LFUSCD20120B LITTELFUSE-LFUSCD20120B Datasheet
564Kb / 4P
   Enhanced surge capability
LFUSCD10120A LITTELFUSE-LFUSCD10120A Datasheet
572Kb / 4P
   Enhanced surge capability
LFUSCD05120A LITTELFUSE-LFUSCD05120A Datasheet
567Kb / 4P
   Enhanced surge capability
LFUSCD30120B LITTELFUSE-LFUSCD30120B Datasheet
567Kb / 4P
   Enhanced surge capability
LFUSCD15120A LITTELFUSE-LFUSCD15120A Datasheet
572Kb / 4P
   Enhanced surge capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com