Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2022UK Datasheet(PDF) 1 Page - Sames

Part # D2022UK
Description  GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 45W - 28V - 500MHz PUSH-PULL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

D2022UK Datasheet(HTML) 1 Page - Sames

  D2022UK Datasheet HTML 1Page - Sames D2022UK Datasheet HTML 2Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D2022UK
Document Number 3827
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
PD
Power Dissipation
BVDSS
Drain – Source Breakdown Voltage *
BVGSS
Gate – Source Breakdown Voltage *
ID(sat)
Drain Current *
Tstg
Storage Temperature
Tj
Maximum Operating Junction Temperature
125W
65V
±20V
5A
–65 to 150°C
200°C
MECHANICAL DATA
C
A
O
N
MK
J
I
H
G
F
E
D
B
1
54
3
2
GOLD METALLISED
MULTI-PURPOSE SILICON
DMOS RF FET
45W – 28V – 500MHz
PUSH–PULL
FEATURES
• SIMPLIFIED AMPLIFIER DESIGN
• SUITABLE FOR BROAD BAND APPLICATIONS
• VERY LOW Crss
• SIMPLE BIAS CIRCUITS
• LOW NOISE
• HIGH GAIN – 13 dB MINIMUM
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
APPLICATIONS
• VHF/UHF COMMUNICATIONS
from 50 MHz to 1 GHz
METAL GATE RF SILICON FET
TetraFET
DIM
mm
Tol.
Inches
Tol.
A
16.38
0.26
0.645
0.010
B
1.52
0.13
0.060
0.005
C
45°
45°
D
6.35
0.13
0.250
0.005
E
3.30
0.13
0.130
0.005
F
14.22
0.13
0.560
0.005
G
1.27 x 45°
0.13
0.05 x 45°
0.005
H
1.52
0.13
0.060
0.005
I
6.35
0.13
0.250
0.005
J
0.13
0.02
0.005
0.001
K
2.16
0.13
0.085
0.005
M
1.52
0.13
0.060
0.005
N
5.08
MAX
0.200
MAX
O
18.90
0.13
0.744
0.005
DQ
PIN 1
SOURCE (COMMON)
PIN 3
DRAIN 2
PIN 5
GATE 1
PIN 2
DRAIN 1
PIN 4
GATE 2
* Per Side


Similar Part No. - D2022UK

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D2022UK SEME-LAB-D2022UK Datasheet
52Kb / 2P
   METAL GATE RF SILICON FET
More results

Similar Description - D2022UK

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D1024UK SEME-LAB-D1024UK Datasheet
71Kb / 4P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 40W - 28V - 500MHz PUSH-PULL
D1034UK SEME-LAB-D1034UK Datasheet
21Kb / 2P
   METAL GATE RF SILICON FET(GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 80W - 28V - 500MHz PUSH-PULL)
D2208UK SEME-LAB-D2208UK Datasheet
52Kb / 2P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 40W - 12.5V - 500MHz PUSH-PULL
D1030UK SEME-LAB-D1030UK Datasheet
18Kb / 2P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 400W - 28V - 175MHz PUSH-PULL
D2014UK SEME-LAB-D2014UK Datasheet
38Kb / 2P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 2.5W - 28V - 500MHz SINGLE ENDED
DMD5012 SEME-LAB-DMD5012 Datasheet
69Kb / 5P
   IMPROVED PERFORMANCE GOLD METALLISED SILICON DMOS RF FET 100W - 50V - 500MHz PUSH-PULL
D1222UK SEME-LAB-D1222UK Datasheet
19Kb / 2P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 60W - 12.5V - 175MHz PUSH-PULL
logo
List of Unclassifed Man...
D1014 ETC-D1014 Datasheet
828Kb / 4P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET
logo
Seme LAB
D1025UK SEME-LAB-D1025UK Datasheet
35Kb / 2P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 100W - 28V - 175MHz SINGLE ENDED
D1001UK SEME-LAB-D1001UK Datasheet
43Kb / 4P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 20W - 28V - 175MHz SINGLE ENDED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com