Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYT6167CHG Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CYT6167CHG
Description  400mA CMOS LDO Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CYT6167CHG Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  CYT6167CHG Datasheet HTML 1Page - List of Unclassifed Manufacturers CYT6167CHG Datasheet HTML 2Page - List of Unclassifed Manufacturers CYT6167CHG Datasheet HTML 3Page - List of Unclassifed Manufacturers CYT6167CHG Datasheet HTML 4Page - List of Unclassifed Manufacturers CYT6167CHG Datasheet HTML 5Page - List of Unclassifed Manufacturers CYT6167CHG Datasheet HTML 6Page - List of Unclassifed Manufacturers CYT6167CHG Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Preliminary and all contents are subject to change without prior notice.
6
400mA CMOS LDO
Regulator
(Preliminary)
CYT6167
Application Hints
Like any Low dropout regulator,
CYT6167 requires
external capacitors to ensure stability. The external
capacitors must be carefully selected to ensure the
performances.
Input Capacitor:
An Input Capacitor of at least 2.2uF is required.
Ceramic or Tantalum can be used. The value can
be increased without upper limit.
Output Capacitor:
An Output Capacitor is required for look stability. It
must be located no more than 1cm away from the
VOUT pin, and connected directly between VOUT and
GND pins. The minimum value is 2.2uF but once
again its value can be increased without limit.
Thermal Consideration
It is important that the thermal limit of the package
should not be exceeded. The
CYT6167 has built-in
thermal protection. When the thermal limit is
exceeded, the IC will enter protection, and the VOUT
will be reset to zero. The power dissipation for a
given application can be calculated as follows:
The Power Dissipation (PD) is
PD = IOUT * [VIN – VOUT]
The thermal limit of the package is then limited to
PD(MAX) = [TJ – TA]/θJA where TJ is the junction
temperature, TA is ambient temperature, and θJA is
around 250°C/W for CYT6167. CYT6167 is designed
to enter thermal protection at 150°C. For example, if
TA is 25°C then the max PD is limited to about 0.5W.
In other words, if IOUT(MAX) = 400mA, then [VIN
VOUT] can not exceed 1.25V.


Similar Part No. - CYT6167CHG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CYT6166 ETC2-CYT6166 Datasheet
1Mb / 7P
   150mA CMOS LDO Regulator (Preliminary)
CYT6166AHG ETC2-CYT6166AHG Datasheet
1Mb / 7P
   150mA CMOS LDO Regulator (Preliminary)
CYT6166AHGYYWW ETC2-CYT6166AHGYYWW Datasheet
1Mb / 7P
   150mA CMOS LDO Regulator (Preliminary)
CYT6166AHN ETC2-CYT6166AHN Datasheet
1Mb / 7P
   150mA CMOS LDO Regulator (Preliminary)
CYT6166AHNYYWW ETC2-CYT6166AHNYYWW Datasheet
1Mb / 7P
   150mA CMOS LDO Regulator (Preliminary)
More results

Similar Description - CYT6167CHG

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM86-SERIES ELM-TECH-ELM86-SERIES Datasheet
987Kb / 13P
   CMOS Dual 400mA LDO Regulator
logo
ELM Electronics
ELM86 ELM-ELM86 Datasheet
987Kb / 13P
   CMOS Dual 400mA LDO Regulator
logo
ELM Technology Corporat...
ELM86 ELM-TECH-ELM86 Datasheet
924Kb / 13P
   CMOS Dual 400mA LDO Regulator
ELM861212B1A-S ELM-TECH-ELM861212B1A-S Datasheet
133Kb / 13P
   Dual 400mA LDO Regulator
logo
List of Unclassifed Man...
CYT6119 ETC2-CYT6119 Datasheet
1Mb / 6P
   400mA Super LDO Linear Regulator
logo
ACE Technology Co., LTD...
ACE555 ACE-ACE555 Datasheet
184Kb / 6P
   400mA LDO Dropout Voltage Regulator
VER 1.2
logo
ON Semiconductor
NCV8605 ONSEMI-NCV8605_13 Datasheet
174Kb / 12P
   CMOS LDO Regulator
June, 2013 ??Rev. 2
logo
Microchip Technology
TC1267 MICROCHIP-TC1267 Datasheet
490Kb / 14P
   400mA PCI LDO
2002
TC1267 MICROCHIP-TC1267_13 Datasheet
276Kb / 14P
   400mA PCI LDO
2001-2012 11/27/12
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com