Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYT6167DLN Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CYT6167DLN
Description  400mA CMOS LDO Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CYT6167DLN Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  CYT6167DLN Datasheet HTML 1Page - List of Unclassifed Manufacturers CYT6167DLN Datasheet HTML 2Page - List of Unclassifed Manufacturers CYT6167DLN Datasheet HTML 3Page - List of Unclassifed Manufacturers CYT6167DLN Datasheet HTML 4Page - List of Unclassifed Manufacturers CYT6167DLN Datasheet HTML 5Page - List of Unclassifed Manufacturers CYT6167DLN Datasheet HTML 6Page - List of Unclassifed Manufacturers CYT6167DLN Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Preliminary and all contents are subject to change without prior notice.
7
400mA CMOS LDO
Regulator
(Preliminary)
CYT6167
OUTLINE DRAWING SOT-23-3L (SC-59)
OUTLINE DRAWING TO-92
B
C
A
D
E
F
J
G
H
K
L
MIN
MAX
MIN
MAX
A
0.110
0.120
2.80
3.04
B
0.047
0.055
1.20
1.40
C
0.083
0.104
2.10
2.64
D
0.035
0.040
0.89
1.03
E
0.070
0.080
1.78
2.05
F
0.018
0.024
0.45
0.60
G
0.015
0.020
0.37
0.51
H
0.0005 0.004
0.013
0.10
J
0.034
0.040
0.887
1.02
K
0.003
0.007
0.085
0.18
L
-
0.027
-
0.69
DIM
N
INCHES
MM
DIMENSIONS
A
B
D
E
G
F
H
K
J
MINMAX MINMAX
A
0.175 0.205 4.445 5.207
B
0.170 0.210 4.318 5.334
E
0.500 0.610 12.70 15.50
F
0.016 0.021 0.407 0.533
G
0.045 0.055 1.143 1.397
H
0.095 0.105 2.413 2.667
J
0.080 0.105 2.032 2.667
K
0.125 0.165 3.175 4.191
DIM
N
INCHES
MM
DIMENSIONS


Similar Part No. - CYT6167DLN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CYT6166 ETC2-CYT6166 Datasheet
1Mb / 7P
   150mA CMOS LDO Regulator (Preliminary)
CYT6166AHG ETC2-CYT6166AHG Datasheet
1Mb / 7P
   150mA CMOS LDO Regulator (Preliminary)
CYT6166AHGYYWW ETC2-CYT6166AHGYYWW Datasheet
1Mb / 7P
   150mA CMOS LDO Regulator (Preliminary)
CYT6166AHN ETC2-CYT6166AHN Datasheet
1Mb / 7P
   150mA CMOS LDO Regulator (Preliminary)
CYT6166AHNYYWW ETC2-CYT6166AHNYYWW Datasheet
1Mb / 7P
   150mA CMOS LDO Regulator (Preliminary)
More results

Similar Description - CYT6167DLN

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM86-SERIES ELM-TECH-ELM86-SERIES Datasheet
987Kb / 13P
   CMOS Dual 400mA LDO Regulator
logo
ELM Electronics
ELM86 ELM-ELM86 Datasheet
987Kb / 13P
   CMOS Dual 400mA LDO Regulator
logo
ELM Technology Corporat...
ELM86 ELM-TECH-ELM86 Datasheet
924Kb / 13P
   CMOS Dual 400mA LDO Regulator
ELM861212B1A-S ELM-TECH-ELM861212B1A-S Datasheet
133Kb / 13P
   Dual 400mA LDO Regulator
logo
List of Unclassifed Man...
CYT6119 ETC2-CYT6119 Datasheet
1Mb / 6P
   400mA Super LDO Linear Regulator
logo
ACE Technology Co., LTD...
ACE555 ACE-ACE555 Datasheet
184Kb / 6P
   400mA LDO Dropout Voltage Regulator
VER 1.2
logo
ON Semiconductor
NCV8605 ONSEMI-NCV8605_13 Datasheet
174Kb / 12P
   CMOS LDO Regulator
June, 2013 ??Rev. 2
logo
Microchip Technology
TC1267 MICROCHIP-TC1267 Datasheet
490Kb / 14P
   400mA PCI LDO
2002
TC1267 MICROCHIP-TC1267_13 Datasheet
276Kb / 14P
   400mA PCI LDO
2001-2012 11/27/12
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com