Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3086CSD Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3086CSD
Description  Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3086CSD Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3086CSD Datasheet HTML 7Page - Maxim Integrated Products MAX3086CSD Datasheet HTML 8Page - Maxim Integrated Products MAX3086CSD Datasheet HTML 9Page - Maxim Integrated Products MAX3086CSD Datasheet HTML 10Page - Maxim Integrated Products MAX3086CSD Datasheet HTML 11Page - Maxim Integrated Products MAX3086CSD Datasheet HTML 12Page - Maxim Integrated Products MAX3086CSD Datasheet HTML 13Page - Maxim Integrated Products MAX3086CSD Datasheet HTML 14Page - Maxim Integrated Products MAX3086CSD Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Fail-Safe, High-Speed (10Mbps),
Slew-Rate-Limited RS-485/RS-422 Transceivers
______________________________________________________________________________________
11
Pin Description (continued)
12
8
12
A
Noninverting Receiver Input
12
A
HALF-
DUPLEX
MODE
MAX3089
FULL-
DUPLEX
MODE
FULL-DUPLEX
DEVICES
MAX3081
MAX3084
MAX3087
HALF-
DUPLEX
DEVICES
MAX3082
MAX3085
MAX3088
FUNCTION
NAME
MAX3080
MAX3083
MAX3086
Receiver Input Resistors*
6
A
Noninverting Receiver Input and Noninverting Driver Output
13
13
RXP
Receiver Phase. Connect RXP to GND, or leave unconnected for
normal transmitter phase/polarity. Connect to VCC to invert the
receiver phase/polarity.
14
1
8
14
14
VCC
Positive Supply; 4.75V
≤ VCC ≤ 5.25V
1, 8, 13
N.C.
Not Connected. Not internally connected.
Function Tables
TRANSMITTING
INPUTS
OUTPUTS
RE
DE
DI
Z
Y
X
1
1
0
1
X
1
0
1
0
0
0
X
High-Z
High-Z
1
0
X
Shutdown
RECEIVING
INPUTS
OUTPUT
RE
DE
A-B
RO
0
X
≥ -0.05V
1
0
X
≤ -0.2V
0
0
X
Open/shorted
1
1
1
X
High-Z
1
0
X
Shutdown
TRANSMITTING
INPUT
OUTPUTS
DI
Z
Y
1
0
1
0
1
0
RECEIVING
INPUTS
OUTPUT
A-B
RO
≥ -0.05V
1
≤ -0.2V
0
Open/shorted
1
PIN
X = Don’t care
Shutdown mode, driver and receiver outputs high impedance
*(MAX3089 only.) In half-duplex mode, the driver outputs serve as receiver inputs. The full-duplex receiver inputs (A and B) will still
have a 1/8-unit load, but are not connected to the receiver.
MAX3081/MAX3084/MAX3087
MAX3080/MAX3083/MAX3086


Similar Part No. - MAX3086CSD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3086CSD MAXIM-MAX3086CSD Datasheet
275Kb / 20P
   Fail-Safe, High-Speed 10Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1138; Rev 1; 12/97
More results

Similar Description - MAX3086CSD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3080CPD MAXIM-MAX3080CPD Datasheet
915Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080 Datasheet
275Kb / 20P
   Fail-Safe, High-Speed 10Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1138; Rev 1; 12/97
MAX3080 MAXIM-MAX3080_14 Datasheet
572Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080_V01 Datasheet
572Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
MAX3082CPA MAXIM-MAX3082CPA Datasheet
927Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080E MAXIM-MAX3080E Datasheet
213Kb / 20P
   ±15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 0; 9/00
MAX3080E MAXIM-MAX3080E_V01 Datasheet
242Kb / 20P
   짹15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1800; Rev 1; 5/06
MAX3085ECPA MAXIM-MAX3085ECPA Datasheet
242Kb / 20P
   15,-15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 1; 5/06
logo
AiT Semiconductor Inc.
A3085 AITSEMI-A3085 Datasheet
599Kb / 9P
   RS-485 TRANSCEIVERS FAIL-SAFE, HIGH-SPEED SLEW-RATE-LIMITED
REV1.0
logo
Maxim Integrated Produc...
MAX3483 MAXIM-MAX3483 Datasheet
197Kb / 16P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com