Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3216SRCPRV Datasheet(PDF) 2 Page - Kingbright Corporation

Part # AP3216SRCPRV
Description  3.2x1.6mm SMD CHIP LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AP3216SRCPRV Datasheet(HTML) 2 Page - Kingbright Corporation

  AP3216SRCPRV Datasheet HTML 1Page - Kingbright Corporation AP3216SRCPRV Datasheet HTML 2Page - Kingbright Corporation AP3216SRCPRV Datasheet HTML 3Page - Kingbright Corporation AP3216SRCPRV Datasheet HTML 4Page - Kingbright Corporation AP3216SRCPRV Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAD0979
REV NO: V.4
DATE: APR/04/2005
PAGE: 2 OF 5
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: W.J.ZHU
ERP:1203000412
Selection Guide
Note:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Dice
Lens Type
Iv (mcd)
@ 20mA
Viewing
Angle
Min.
Typ.
2
θθθθ 1/2
AP3216SRCPRV
SUPER BRIGHT RED (GaAlAs)
WATER CLEAR
36
80
120
°
Symbol
Parameter
Device
Typ.
Max.
Test Conditions
Units
λpeak
Peak Wavelength
Super Bright Red
660
nm
IF=20mA
λD
Dominant Wavelength
Super Bright Red
640
nm
IF=20mA
∆λ1/2
Spectral Line Half-width
Super Bright Red
20
nm
IF=20mA
C
Capacitance
Super Bright Red
45
pF
VF=0V;f=1MHz
VF
Forward Voltage
Super Bright Red
1.85
2.5
V
IF=20mA
IR
Reverse Current
Super Bright Red
10
uA
VR = 5V
Parameter
Super Bright Red
Units
Power dissipation
100
mW
DC Forward Current
30
mA
Peak Forward Current [1]
155
mA
Reverse Voltage
5
V
Operating/Storage Temperature
-40°C To +85°C


Similar Part No. - AP3216SRCPRV

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
AP3216SRCPRV TO-GRACE-AP3216SRCPRV Datasheet
777Kb / 4P
   3.2 x 1.6 mm SMD Chip LED Lamp
More results

Similar Description - AP3216SRCPRV

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APTR3216SGC KINGBRIGHT-APTR3216SGC Datasheet
128Kb / 4P
   3.2x1.6mm SMD CHIP LED LAMP
APTD3216SECK KINGBRIGHT-APTD3216SECK Datasheet
278Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
APTD3216SGC KINGBRIGHT-APTD3216SGC Datasheet
276Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
APTD3216SURCK KINGBRIGHT-APTD3216SURCK Datasheet
278Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
APTD3216VGC KINGBRIGHT-APTD3216VGC Datasheet
284Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
AP3216SYC KINGBRIGHT-AP3216SYC Datasheet
118Kb / 4P
   3.2x1.6mm SMD CHIP LED LAMP
APTR3216EC KINGBRIGHT-APTR3216EC Datasheet
275Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
APTR3216SEC KINGBRIGHT-APTR3216SEC Datasheet
134Kb / 4P
   3.2x1.6mm SMD CHIP LED LAMP
APTR3216SYCK KINGBRIGHT-APTR3216SYCK Datasheet
274Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
APTL3216ZGC KINGBRIGHT-APTL3216ZGC Datasheet
287Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
logo
Gilway Technical Lamp
GHB-1206-YG2 GILWAY-GHB-1206-YG2 Datasheet
139Kb / 4P
   3.2x1.6mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com