Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT2574ATSOC Datasheet(PDF) 9 Page - Synaptics Incorporated.

Part # CY74FCT2574ATSOC
Description  8-BIT REGISTER WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CY74FCT2574ATSOC Datasheet(HTML) 9 Page - Synaptics Incorporated.

Back Button CY74FCT2574ATSOC Datasheet HTML 5Page - Synaptics Incorporated. CY74FCT2574ATSOC Datasheet HTML 6Page - Synaptics Incorporated. CY74FCT2574ATSOC Datasheet HTML 7Page - Synaptics Incorporated. CY74FCT2574ATSOC Datasheet HTML 8Page - Synaptics Incorporated. CY74FCT2574ATSOC Datasheet HTML 9Page - Synaptics Incorporated. CY74FCT2574ATSOC Datasheet HTML 10Page - Synaptics Incorporated. CY74FCT2574ATSOC Datasheet HTML 11Page - Synaptics Incorporated. CY74FCT2574ATSOC Datasheet HTML 12Page - Synaptics Incorporated. CY74FCT2574ATSOC Datasheet HTML 13Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
24-May-2007
Addendum-Page 3


Similar Part No. - CY74FCT2574ATSOC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT2574ATSOC TI1-CY74FCT2574ATSOC Datasheet
653Kb / 15P
[Old version datasheet]   8-BIT REGISTER WITH 3-STATE OUTPUTS
CY74FCT2574ATSOCE4 TI1-CY74FCT2574ATSOCE4 Datasheet
653Kb / 15P
[Old version datasheet]   8-BIT REGISTER WITH 3-STATE OUTPUTS
CY74FCT2574ATSOCG4 TI1-CY74FCT2574ATSOCG4 Datasheet
653Kb / 15P
[Old version datasheet]   8-BIT REGISTER WITH 3-STATE OUTPUTS
CY74FCT2574ATSOCT TI1-CY74FCT2574ATSOCT Datasheet
653Kb / 15P
[Old version datasheet]   8-BIT REGISTER WITH 3-STATE OUTPUTS
More results

Similar Description - CY74FCT2574ATSOC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT2574T TI1-CY74FCT2574T Datasheet
653Kb / 15P
[Old version datasheet]   8-BIT REGISTER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
SN54LS323 MOTOROLA-SN54LS323 Datasheet
143Kb / 5P
   8-BIT SHIFT/STORAGE REGISTER WITH 3-STATE OUTPUTS
logo
Toshiba Semiconductor
TC74HC590AP TOSHIBA-TC74HC590AP Datasheet
311Kb / 7P
   8-BIT BINARY COUNTER/REGISTER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC595 RENESAS-HD74HC595_15 Datasheet
134Kb / 13P
   8-bit Shift Register/Latch (with 3-state outputs)
logo
Texas Instruments
CY74FCT825T TI1-CY74FCT825T_14 Datasheet
813Kb / 14P
[Old version datasheet]   8-BIT BUS-INTERFACE REGISTER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC595 RENESAS-HD74HC595 Datasheet
114Kb / 11P
   8-bit Shift Register/Latch (with 3-state outputs)
HD74HC590 RENESAS-HD74HC590_15 Datasheet
143Kb / 12P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Hitachi Semiconductor
HD74HC590 HITACHI-HD74HC590 Datasheet
66Kb / 11P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Motorola, Inc
SN54LS299 MOTOROLA-SN54LS299 Datasheet
255Kb / 7P
   8-BIT SHIFT/STORAGE REGISTER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
CD4094BC FAIRCHILD-CD4094BC Datasheet
68Kb / 7P
   8-Bit Shift Register/Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com