Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27C512-70XB6 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M27C512-70XB6
Description  512 Kbit (64K x8) UV EPROM and OTP EPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C512-70XB6 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M27C512-70XB6 Datasheet HTML 3Page - STMicroelectronics M27C512-70XB6 Datasheet HTML 4Page - STMicroelectronics M27C512-70XB6 Datasheet HTML 5Page - STMicroelectronics M27C512-70XB6 Datasheet HTML 6Page - STMicroelectronics M27C512-70XB6 Datasheet HTML 7Page - STMicroelectronics M27C512-70XB6 Datasheet HTML 8Page - STMicroelectronics M27C512-70XB6 Datasheet HTML 9Page - STMicroelectronics M27C512-70XB6 Datasheet HTML 10Page - STMicroelectronics M27C512-70XB6 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
M27C512
Device operation
7/22
Figure 4.
Programming flowchart
2.5
Programming
When delivered (and after each erasure for UV EPROM), all bits of the M27C512 are in the
'1' state. Data is introduced by selectively programming '0's into the desired bit locations.
Although only '0's will be programmed, both '1's and '0's can be present in the data word.
The only way to change a '0' to a '1' is by die exposure to ultraviolet light (UV EPROM). The
M27C512 is in the programming mode when VPP input is at 12.75V and E is pulsed to VIL.
The data to be programmed is applied to 8 bits in parallel to the data output pins. The levels
required for the address and data inputs are TTL. VCC is specified to be 6.25V ± 0.25V. The
M27C512 can use PRESTO IIB Programming Algorithm that drastically reduces the
programming time (typically less than 6 seconds). Nevertheless to achieve compatibility with
all programming equipments, PRESTO Programming Algorithm can be used as well.
2.6
PRESTO IIB programming algorithm
PRESTO IIB Programming Algorithm allows the whole array to be programmed with a
guaranteed margin, in a typical time of 6.5 seconds. This can be achieved with
STMicroelectronics M27C512 due to several design innovations described in the M27C512
datasheet to improve programming efficiency and to provide adequate margin for reliability.
Before starting the programming the internal MARGIN MODE circuit is set in order to
guarantee that each cell is programmed with enough margin. Then a sequence of 100µs
program pulses are applied to each byte until a correct verify occurs. No overprogram
pulses are applied since the verify in MARGIN MODE provides the necessary margin.
AI00738B
n = 0
Last
Addr
VERIFY
E = 100
µs Pulse
++n
= 25
++ Addr
VCC = 6.25V, VPP = 12.75V
FAIL
CHECK ALL BYTES
1st: VCC = 6V
2nd: VCC = 4.2V
YES
NO
YES
NO
YES
NO
SET MARGIN MODE
RESET MARGIN MODE


Similar Part No. - M27C512-70XB6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C512-70XB6 STMICROELECTRONICS-M27C512-70XB6 Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27C512-70XB6 STMICROELECTRONICS-M27C512-70XB6 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512-70XB6E STMICROELECTRONICS-M27C512-70XB6E Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27C512-70XB6F STMICROELECTRONICS-M27C512-70XB6F Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27C512-70XB6TR STMICROELECTRONICS-M27C512-70XB6TR Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
More results

Similar Description - M27C512-70XB6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27W512-100K6 STMICROELECTRONICS-M27W512-100K6 Datasheet
369Kb / 21P
   512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
M27C512 STMICROELECTRONICS-M27C512 Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27V512 STMICROELECTRONICS-M27V512 Datasheet
108Kb / 16P
   512 Kbit (64Kb x8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27W512 STMICROELECTRONICS-M27W512 Datasheet
108Kb / 16P
   512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
M27C64A STMICROELECTRONICS-M27C64A_06 Datasheet
181Kb / 22P
   64 Kbit (8Kb x8) UV EPROM and OTP EPROM
M87C257 STMICROELECTRONICS-M87C257_06 Datasheet
164Kb / 22P
   Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
M27W512 STMICROELECTRONICS-M27W512_08 Datasheet
187Kb / 22P
   512 Kbit (64 Kbit x8) low-voltage OTP EPROM
June 2008 Rev 4
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C4002-12F1 STMICROELECTRONICS-M27C4002-12F1 Datasheet
182Kb / 18P
   UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com