Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF5S21090HR3 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MRF5S21090HR3
Description  RF Power Field Effect Transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF5S21090HR3 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MRF5S21090HR3_06 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF5S21090HR3_06 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF5S21090HR3_06 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF5S21090HR3_06 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF5S21090HR3_06 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF5S21090HR3_06 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF5S21090HR3_06 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF5S21090HR3_06 Datasheet HTML 11Page - Freescale Semiconductor, Inc MRF5S21090HR3_06 Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MRF5S21090HR3 MRF5S21090HSR3
11
RF Device Data
Freescale Semiconductor
PACKAGE DIMENSIONS
CASE 465-06
ISSUE G
NI-780
MRF5S21090HR3
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M−1994.
2. CONTROLLING DIMENSION: INCH.
3. DELETED
4. DIMENSION H IS MEASURED 0.030 (0.762) AWAY
FROM PACKAGE BODY.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
1.335
1.345
33.91
34.16
B
0.380
0.390
9.65
9.91
C
0.125
0.170
3.18
4.32
D
0.495
0.505
12.57
12.83
E
0.035
0.045
0.89
1.14
F
0.003
0.006
0.08
0.15
G
1.100 BSC
27.94 BSC
H
0.057
0.067
1.45
1.70
K
0.170
0.210
4.32
5.33
N
0.772
0.788
19.60
20.00
Q
.118
.138
3.00
3.51
R
0.365
0.375
9.27
9.53
STYLE 1:
PIN 1. DRAIN
2. GATE
3. SOURCE
1
3
2
D
G
K
C
E
H
S
F
S
0.365
0.375
9.27
9.52
M
0.774
0.786
19.66
19.96
aaa
0.005 REF
0.127 REF
bbb
0.010 REF
0.254 REF
ccc
0.015 REF
0.381 REF
Q
2X
M
A
M
bbb
B M
T
M
A
M
bbb
B M
T
B
B
(FLANGE)
SEATING
PLANE
M
A
M
ccc
B M
T
M
A
M
bbb
B M
T
AA
(FLANGE)
T
N (LID)
M (INSULATOR)
M
A
M
aaa
B M
T
(INSULATOR)
R
M
A
M
ccc
B M
T
(LID)
CASE 465A-06
ISSUE H
NI-780S
MRF5S21090HSR3
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M−1994.
2. CONTROLLING DIMENSION: INCH.
3. DELETED
4. DIMENSION H IS MEASURED 0.030 (0.762) AWAY
FROM PACKAGE BODY.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.805
0.815
20.45
20.70
B
0.380
0.390
9.65
9.91
C
0.125
0.170
3.18
4.32
D
0.495
0.505
12.57
12.83
E
0.035
0.045
0.89
1.14
F
0.003
0.006
0.08
0.15
H
0.057
0.067
1.45
1.70
K
0.170
0.210
4.32
5.33
M
0.774
0.786
19.61
20.02
R
0.365
0.375
9.27
9.53
STYLE 1:
PIN 1. DRAIN
2. GATE
5. SOURCE
1
2
D
K
C
E
H
F
3
U
(FLANGE)
4X
Z
(LID)
4X
bbb
0.010 REF
0.254 REF
ccc
0.015 REF
0.381 REF
aaa
0.005 REF
0.127 REF
S
0.365
0.375
9.27
9.52
N
0.772
0.788
19.61
20.02
U
−−−
0.040
−−−
1.02
Z
−−−
0.030
−−−
0.76
M
A
M
bbb
B M
T
B
B
(FLANGE)
2X
SEATING
PLANE
M
A
M
ccc
B M
T
M
A
M
bbb
B M
T
A
A
(FLANGE)
T
N (LID)
M (INSULATOR)
M
A
M
ccc
B M
T
M
A
M
aaa
B M
T
R (LID)
S (INSULATOR)


Similar Part No. - MRF5S21090HR3_06

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF5S21090HR3 FREESCALE-MRF5S21090HR3_08 Datasheet
444Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
More results

Similar Description - MRF5S21090HR3_06

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com