Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF5S21090HSR3 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MRF5S21090HSR3
Description  RF Power Field Effect Transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF5S21090HSR3 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MRF5S21090HSR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF5S21090HSR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF5S21090HSR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF5S21090HSR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF5S21090HSR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF5S21090HSR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF5S21090HSR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF5S21090HSR3 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF5S21090HSR3 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MRF5S21090HR3 MRF5S21090HSR3
7
RF Device Data
Freescale Semiconductor
Figure 12. Series Equivalent Source and Load Impedance
f
MHz
Zsource
Ω
Zload
Ω
2100
2120
2160
2.4 - j2.0
2.1 - j1.9
2.2 - j2.1
3.4 - j5.1
3.2 - j5.4
3.0 - j4.4
VDD = 28 Vdc, IDQ = 850 mA, Pout = 19 W Avg.
Zo = 10 Ω
Zload
f = 2100 MHz
f = 2200 MHz
Zsource
f = 2100 MHz
f = 2200 MHz
2200
1.8 - j1.6
3.0 - j4.0
Zsource = Test circuit impedance as measured from
gate to ground.
Zload
= Test circuit impedance as measured
from drain to ground.
Z source
Z load
Input
Matching
Network
Device
Under
Test
Output
Matching
Network


Similar Part No. - MRF5S21090HSR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF5S21090HSR3 FREESCALE-MRF5S21090HSR3 Datasheet
379Kb / 12P
   To be Used in class AB for PCN-PCS/cellularradio and WLL applications.
MRF5S21090HSR3 FREESCALE-MRF5S21090HSR3 Datasheet
444Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
More results

Similar Description - MRF5S21090HSR3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com