Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43697A5476Q007 Datasheet(PDF) 2 Page - EPCOS

Part # B43697A5476Q007
Description  Axial-Lead Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43697A5476Q007 Datasheet(HTML) 2 Page - EPCOS

  B43697A5476Q007 Datasheet HTML 1Page - EPCOS B43697A5476Q007 Datasheet HTML 2Page - EPCOS B43697A5476Q007 Datasheet HTML 3Page - EPCOS B43697A5476Q007 Datasheet HTML 4Page - EPCOS B43697A5476Q007 Datasheet HTML 5Page - EPCOS B43697A5476Q007 Datasheet HTML 6Page - EPCOS B43697A5476Q007 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
325 10/02
B43697
Standard 105 °C
Specifications and characteristics in brief
Rated voltage
UR
Surge voltage
US
450 VDC
495 VDC
Rated capacitance
CR
Capacitance tolerance
10 … 47
µF
– 10/+ 30 %
Q
Leakage current
IL
(5 min, 20 °C)
Self-inductance
ESL 1)
Useful life
450 VDC
420 VDC
Requirements:
105 °C;
UR; I~R
85 °C;
UR; I~max
85 °C;
UR; I~R
40 °C;
UR;1,85 · I~R
40 °C;
UR; 2,3 · I~R
>
4 000 h
>
9 000 h
> 20 000 h
> 200 000 h
> 11 500 h
> 17 500 h
> 58 000 h
> 200 000 h
C/C ≤ ± 30 % of initial value
ESR
≤ 3 times initial spec. limit
IL
≤ initial specified limit
Failure
percentage:
≤ 1 %
Failure rate:
≤ 20 fit (≤ 20 · 10–9/h)
(for definiton “fit”,
refer to chapter
“Quality”, page 62)
Voltage endurance test
105 °C;
UR
3 000 h
5 000 h
Post test requirements:
∆C/C ≤ ± 10 % of initial value
ESR
≤ 1,3 % times initial spec. limit
IL
≤ initial specified limit
Vibration resistance
To IEC 60068-2-6, test Fc:
displacement amplitude 0,75 mm, frequency range 10 Hz to 55 Hz,
acceleration max. 10
g, duration 3
× 2 h
IEC climatic category
To IEC 60068-1:
40/105/56 (– 40 °C/+ 105 °C/56 days damp heat test)
Detail specification
Sectional specification
Similar to CECC 30301-801
IEC 60384-4
I
L
0,3
µA
C
R
µF
-------
U
R
V
-------
èø
æö
0,7
4
µA
+
Diameter
d
12 mm
14 mm
16 mm
18 mm
Length
l
Approx.
ESL (nH)
25 mm
22
26
30 mm
21
24
29
34
39 mm
——
33
38
1) If optimum circuit design is used, the values are lower by 30 %.


Similar Part No. - B43697A5476Q007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43697A5476Q007 EPCOS-B43697A5476Q007 Datasheet
338Kb / 13P
   Aluminum electrolytic capacitors
B43697A5476Q007 EPCOS-B43697A5476Q007 Datasheet
348Kb / 13P
   Aluminum electrolytic capacitors
More results

Similar Description - B43697A5476Q007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41692 EPCOS-B41692 Datasheet
553Kb / 16P
   Axial-lead and soldering star capacitors
B41693 EPCOS-B41693 Datasheet
183Kb / 10P
   Axial-Lead and Soldering Star Capacitors
B41695 EPCOS-B41695 Datasheet
182Kb / 10P
   Axial-Lead and Soldering Star Capacitors
B41691 EPCOS-B41691 Datasheet
522Kb / 14P
   Axial-lead and soldering star capacitors
B41696 EPCOS-B41696 Datasheet
157Kb / 8P
   Axial-Lead and Soldering Star Capacitors
B41694 EPCOS-B41694 Datasheet
158Kb / 8P
   Axial-Lead and Soldering Star Capacitors
logo
TDK Electronics
B41791A5108Q001 TDK-B41791A5108Q001 Datasheet
434Kb / 17P
   Axial-lead and soldering star capacitors
B41792C0108Q001 TDK-B41792C0108Q001 Datasheet
444Kb / 18P
   Axial-lead and soldering star capacitors
B41789K7208Q001 TDK-B41789K7208Q001 Datasheet
407Kb / 19P
   Axial-lead and soldering star capacitors
logo
Cornell Dubilier Electr...
TAC CDE-TAC Datasheet
233Kb / 4P
   Molded, Axial Lead, Solid Tantalum Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com