Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B65531-W-R30 Datasheet(PDF) 4 Page - EPCOS

Part # B65531-W-R30
Description  In accordance with IEC 60133
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65531-W-R30 Datasheet(HTML) 4 Page - EPCOS

  B65531-W-R30 Datasheet HTML 1Page - EPCOS B65531-W-R30 Datasheet HTML 2Page - EPCOS B65531-W-R30 Datasheet HTML 3Page - EPCOS B65531-W-R30 Datasheet HTML 4Page - EPCOS B65531-W-R30 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
327 08/01
Adjusting screw
I Tube core with thread and core brake made of GFR polyterephthalate
Plastic adjusting screwdriver (not shown)
Plastic handle for adjusting screwdriver (not shown)
Adjusting screw
Core P 11
× 7
Adjusting screw
Min.
adjusting
range
%
Ordering code
Tube core
Material
AL value
nH
∅ × length
mm
Material
Color
code
K 1
25
40
1,81
× 2,0
K 1
yellow
30
12
B65539-C1003-X1
M 33
40
63
1,81
× 2,0
Si 1
black
17
11
B65539-C1003-X101
N 48
100
1,81
× 2,0
K 1
yellow
17
B65539-C1003-X1
160
250
1,81
× 2,7
N 22
red
16
8
B65539-C1002-X22
Adjusting screwdriver
B63399-B4
Handle
B63399-B5
B63399
B65539
Accessories
P 11
× 7


Similar Part No. - B65531-W-R30

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65531 EPCOS-B65531 Datasheet
353Kb / 11P
   Ferrites and accessories
B65531+0160A048 EPCOS-B65531+0160A048 Datasheet
353Kb / 11P
   Ferrites and accessories
logo
TDK Electronics
B65531+0160A048 TDK-B65531+0160A048 Datasheet
564Kb / 11P
   Ferrites and accessories
logo
EPCOS
B65531+0250A048 EPCOS-B65531+0250A048 Datasheet
353Kb / 11P
   Ferrites and accessories
logo
TDK Electronics
B65531+0250A048 TDK-B65531+0250A048 Datasheet
564Kb / 11P
   Ferrites and accessories
More results

Similar Description - B65531-W-R30

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65815 EPCOS-B65815 Datasheet
216Kb / 7P
   RM 12 In accordance with IEC 60431
B65887 EPCOS-B65887 Datasheet
186Kb / 6P
   RM 14 In accordance with IEC 60431
B65733 EPCOS-B65733 Datasheet
101Kb / 3P
   PM 114/93 In accordance with IEC 61247
logo
Laird Tech Smart Techno...
EMI-EU010 LSTD-EMI-EU010 Datasheet
56Kb / 5P
   Prepared in accordance with Regulation
logo
STMicroelectronics
STEVAL-ISA015V2 STMICROELECTRONICS-STEVAL-ISA015V2 Datasheet
93Kb / 4P
   Safety compliant in accordance with EN60950
November 2007 Rev 1
logo
Laird Tech Smart Techno...
TGREASE-880 LSTD-TGREASE-880 Datasheet
93Kb / 4P
   Prepared in accordance with OSHA Hazard communication
logo
ATMEL Corporation
AT7908E ATMEL-AT7908E_14 Datasheet
751Kb / 50P
   Designed in Accordance with CAN Specification 2.0B
logo
ITT Industries
012-8554-000 ITT-012-8554-000 Datasheet
1Mb / 56P
   cannon ca-bayonet connectors in accordance with vg95234
logo
Nexperia B.V. All right...
74AHC2G32-Q100 NEXPERIA-74AHC2G32-Q100 Datasheet
212Kb / 11P
   Automotive product qualification in accordance with AEC-Q100
74AHC86-Q100 NEXPERIA-74AHC86-Q100 Datasheet
705Kb / 15P
   Automotive product qualification in accordance with AEC-Q100
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com