Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APBDA3020SURKCGKC Datasheet(PDF) 5 Page - Kingbright Corporation

Part # APBDA3020SURKCGKC
Description  3.0x2.0mm RIGHT ANGLE SMD LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APBDA3020SURKCGKC Datasheet(HTML) 5 Page - Kingbright Corporation

  APBDA3020SURKCGKC Datasheet HTML 1Page - Kingbright Corporation APBDA3020SURKCGKC Datasheet HTML 2Page - Kingbright Corporation APBDA3020SURKCGKC Datasheet HTML 3Page - Kingbright Corporation APBDA3020SURKCGKC Datasheet HTML 4Page - Kingbright Corporation APBDA3020SURKCGKC Datasheet HTML 5Page - Kingbright Corporation APBDA3020SURKCGKC Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SPEC NO: DSAH1375
REV NO: V.3
DATE: APR/29/2007
PAGE: 5 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1203006404
APBDA3020SURKCGKC
Recommended Soldering Pattern
(Units : mm; Tolerance: ± 0.1)
Tape Specifications
(Units : mm)


Similar Part No. - APBDA3020SURKCGKC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APBDA3020SURKCGKC KINGBRIGHT-APBDA3020SURKCGKC Datasheet
359Kb / 6P
   3.0x2.0mm RIGHT ANGLE SMD LED
APBDA3020SURKCGKC-GX KINGBRIGHT-APBDA3020SURKCGKC-GX Datasheet
268Kb / 6P
   3.0x2.0mm RIGHT ANGLE SMD LED
logo
HK TO-GRACE TECHNOLOGY ...
APBDA3020SURKCGKC-GX TO-GRACE-APBDA3020SURKCGKC-GX Datasheet
938Kb / 4P
   3.0 x 2.0 mm Right Angle SMD LED
More results

Similar Description - APBDA3020SURKCGKC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APBDA3020CGKSYKC KINGBRIGHT-APBDA3020CGKSYKC Datasheet
345Kb / 6P
   3.0x2.0mm RIGHT ANGLE SMD LED
APBDA3020SURKCGKC KINGBRIGHT-APBDA3020SURKCGKC Datasheet
359Kb / 6P
   3.0x2.0mm RIGHT ANGLE SMD LED
APBDA3020PBACGKC KINGBRIGHT-APBDA3020PBACGKC Datasheet
350Kb / 6P
   3.0x2.0mm RIGHT ANGLE SMD LED
APDA3020SECK-J3-PF KINGBRIGHT-APDA3020SECK-J3-PF Datasheet
308Kb / 5P
   3.0x2.0mm RIGHT ANGLE SMD LED
APBDA3020SURKCGKC-GX KINGBRIGHT-APBDA3020SURKCGKC-GX Datasheet
268Kb / 6P
   3.0x2.0mm RIGHT ANGLE SMD LED
APDA3020LZGCK KINGBRIGHT-APDA3020LZGCK Datasheet
244Kb / 5P
   3.0x2.0mm RIGHT ANGLE SMD LED
APBDA3020ESGC KINGBRIGHT-APBDA3020ESGC Datasheet
226Kb / 6P
   3.0x2.0mm RIGHT ANGLE SMD LED
APBDA3020CGKSYKC-GX KINGBRIGHT-APBDA3020CGKSYKC-GX Datasheet
266Kb / 6P
   3.0x2.0mm RIGHT ANGLE SMD LED
APDA3020LVBC-D KINGBRIGHT-APDA3020LVBC-D Datasheet
242Kb / 5P
   3.0x2.0mm RIGHT ANGLE SMD LED
APDA3020SECK-J4-PF KINGBRIGHT-APDA3020SECK-J4-PF Datasheet
239Kb / 5P
   3.0x2.0mm RIGHT ANGLE SMD LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com