Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8014 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 12Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 125 page
background image
Award-Winning Development Environment
56F8014 Technical Data, Rev. 9
Freescale Semiconductor
9
Preliminary
This Digital Signal Controller also provides a full set of standard programmable peripherals that include
one Serial Communications Interface (SCI), one Serial Peripheral Interface (SPI), one Quad Timer, and
one Inter-Integrated Circuit (I2C) interface. Any of these interfaces can also be used as General Purpose
Input/Outputs (GPIOs).
1.3 Award-Winning Development Environment
Processor ExpertTM (PE) provides a Rapid Application Design (RAD) tool that combines easy-to-use
component-based software application creation with an expert knowledge system.
The CodeWarrior Integrated Development Environment is a sophisticated tool for code navigation,
compiling, and debugging. A complete set of evaluation modules (EVMs), demonstration board kit and
development system cards will support concurrent engineering. Together, PE, CodeWarrior and EVMs
create a complete, scalable tools solution for easy, fast, and efficient development.
1.4 Architecture Block Diagram
The 56F8014’s architecture is shown in Figure 1-1, Figure 1-2, and Figure 1-3. Figure 1-1 illustrates
how the 56800E system buses communicate with internal memories and the IPBus Bridge. Figure 1-2 and
Figure 1-3 show the peripherals and control blocks connected to the IPBus Bridge. The figures do not
show the on-board regulator and power and ground signals. They also do not show the multiplexing
between peripherals or the dedicated GPIOs. Please see Part 2 Signal/Connection Descriptions to see
which signals are multiplexed with those of other peripherals.
1.4.1
PWM, TMR and ADC Connections
Figure 1-3 shows the over/under voltage connections from the ADC to the PWM and the connections to
the PWM from the TMR and GPIO. These signals can control the PWM outputs in a similar manner to the
over/under voltage control signals. See the 56F801X Peripheral Reference Manual for additional
information.
The PWM_reload_sync output can be connected to the TMR channel 3 input and the TMR channels 2 and
3 outputs are connected to the ADC sync inputs. TMR channel 3 output is connected to SYNC0 and TMR
channel 2 is connected to SYNC1. SYNC0 is the master ADC sync input that is used to trigger ADCA and
ADCB in sequence and parallel mode. SYNC1 is used to trigger ABCB in parallel independent mode.
These are controlled by bits in the SIM Control Register; see Section 6.3.1.


Similar Part No. - 56F8014

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8014 FREESCALE-56F8014 Datasheet
1Mb / 124P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014 Datasheet
1Mb / 124P
   16-bit Digital Signal Controllers
logo
NXP Semiconductors
56F8014 NXP-56F8014 Datasheet
2Mb / 124P
   16-bit Digital Signal Controllers
Rev. 11 05/2008
logo
Freescale Semiconductor...
56F8014 FREESCALE-56F8014_08 Datasheet
1Mb / 124P
   16-bit Digital Signal Controllers
More results

Similar Description - 56F8014

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com