Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S12A128 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MC9S12A128
Description  Device User Guide
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S12A128 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MC9S12A128 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S12A128 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S12A128 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S12A128 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S12A128 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S12A128 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S12A128 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S12A128 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S12A128 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 142 page
background image
Device User Guide — 9S12DT128DGV2/D V02.15
2
Freescale Semiconductor
Revision History
Version
Number
Revision
Date
Effective
Date
Author
Description of Changes
V01.00
18 Jun
2001
18 June
2001
Initial version (parent doc v2.03 dug for dp256).
V01.01
23 July
2001
23 July
2001
Updated version after review
V01.02
23 Sep
2001
23 Sep
2001
Changed Partname, added pierce mode, updated electrical
characteristics
some minor corrections
V01.03
12 Oct
2001
12 Oct
2001
Replaced Star12 by HCS12
V01.04
27 Feb
2002
27 Feb
2002
Updated electrical spec after MC-Qualification (IOL/IOH), Data for
Pierce, NVM reliability
New document numbering. Corrected Typos
V01.05
4 Mar
2002
4 Mar
2002
Increased VDD to 2.35V, removed min. oscillator startup
Removed Document order number except from Cover Sheet
V01.06
8 July
2002
22 July
2002
Added:
Pull-up columns to signal table,
example for PLL Filter calculation,
Thermal values for junction to board and package,
BGND pin pull-up
Part Order Information
Global Register Table
Chip Configuration Summary
Modified:
Reduced Wait and Run IDD values
Mode of Operation chapter
changed leakage current for ADC inputs down to +-1uA
Corrected:
Interrupt vector table enable register inconsistencies
PCB layout for 80QFP VREGEN position
V02.00
11 Jan
2002
11 Jan
2002
NEW MASKSET
Changed part number from DTB128 to DT128
Functional Changes:
ROMCTL changes in Emulation Mode
80 Pin Byteflight package Option available
Flash with 2 Bit Backdoor Key Enable
Additional CAN0 routing to PJ7,6
Improved BDM with sync and acknowledge capabilities
New Part ID number
Improvements:
Significantly improved NVM reliability data
Corrections:
Interrupt vector Table
V02.01
01 Feb
2002
01 Feb
2002
Updated Block User Guide versions in preface
Updated Appendix A Electrical Characteristics


Similar Part No. - MC9S12A128

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12A128 MOTOROLA-MC9S12A128 Datasheet
2Mb / 138P
   MC9S12DT128 Device User Guide V02.09
MC9S12A128 MOTOROLA-MC9S12A128 Datasheet
712Kb / 92P
   Microcontroller unit (MCU)
logo
Freescale Semiconductor...
MC9S12A128 FREESCALE-MC9S12A128 Datasheet
1Mb / 140P
   Device User Guide
MC9S12A128CPVE FREESCALE-MC9S12A128CPVE Datasheet
91Kb / 2P
   16-bit Microcontrollers MC9S12A128
More results

Similar Description - MC9S12A128

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12H256 MOTOROLA-MC9S12H256 Datasheet
2Mb / 130P
   Device User Guide
logo
Freescale Semiconductor...
MC9S12DG128MPVE FREESCALE-MC9S12DG128MPVE Datasheet
2Mb / 128P
   Device User Guide
MC9S12DT128_1002 FREESCALE-MC9S12DT128_1002 Datasheet
1Mb / 140P
   Device User Guide
MC9S12DT128CPVE FREESCALE-MC9S12DT128CPVE Datasheet
2Mb / 128P
   Device User Guide
MC9S12H256 FREESCALE-MC9S12H256 Datasheet
5Mb / 130P
   Device User Guide V01.18
MC9S12DT128B FREESCALE-MC9S12DT128B Datasheet
2Mb / 128P
   Device User Guide V01.09
MC9S12DT256 FREESCALE-MC9S12DT256_06 Datasheet
781Kb / 132P
   Device User Guide V03.07
logo
NXP Semiconductors
9S12XDP512DGV1 NXP-9S12XDP512DGV1 Datasheet
1Mb / 152P
   MC9S12XDP512 Device User Guide
V01.12 April 2004
9S12XDP512DGV2 NXP-9S12XDP512DGV2 Datasheet
1Mb / 176P
   MC9S12XDP512 Device User Guide
V02.05 November 18th 2004
logo
Freescale Semiconductor...
MC9S12D64CFUE FREESCALE-MC9S12D64CFUE Datasheet
1Mb / 128P
   MC9S12DJ64 Device User Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com