Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

121MPE153 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 121MPE153
Description  METALLIZED POLYPROPYLENE FILM CAPACITORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

121MPE153 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  121MPE153 Datasheet HTML 1Page - RUBYCON CORPORATION 121MPE153 Datasheet HTML 2Page - RUBYCON CORPORATION 121MPE153 Datasheet HTML 3Page - RUBYCON CORPORATION 121MPE153 Datasheet HTML 4Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATED VOLTAGE : 800VDC/250VAC
DIMENSIONS AND QUANTITY
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
800MPE102
**
800MPE112
**
800MPE122
**
800MPE132
**
800MPE152
**
800MPE162
**
800MPE182
**
800MPE202
**
800MPE222
**
800MPE242
**
800MPE272
**
800MPE302
**
800MPE332
**
800MPE362
**
800MPE392
**
800MPE432
**
800MPE472
**
800MPE512
**
800MPE562
**
800MPE622
**
800MPE682
**
800MPE752
**
800MPE822
**
800MPE912
**
800MPE103
**
800MPE113
**
800MPE123
**
800MPE133
**
800MPE153
**
800MPE163
**
800MPE183
**
800MPE203
**
800MPE223
**
800MPE243
**
800MPE273
**
800MPE303
**
800MPE333
**
800MPE363
**
800MPE393
**
800MPE433
**
800MPE473
**
800MPE513
**
800MPE563
**
800MPE623
**
800MPE683
**
800MPE753
**
800MPE823
**
800MPE913
**
800MPE104
**
800MPE114
**
800MPE124
**
800MPE134
**
800MPE154
**
AB
C
F
0.5 LS 0.5
d
Bag
Carton
A
B, D
C
E
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
18.0
18.0
18.0
18.0
18.0
18.0
18.0
18.0
18.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
5.5
5.5
5.5
5.5
5.5
5.5
6.0
6.5
6.5
7.0
7.0
7.5
7.5
8.0
8.5
9.0
9.0
6.5
7.0
7.0
7.5
7.5
8.0
7.5
7.5
8.0
8.0
8.5
9.0
9.5
9.5
9.5
9.5
10.0
10.5
11.0
11.5
12.0
12.0
12.5
13.5
14.0
15.0
15.5
16.5
8.0
8.0
8.0
9.0
9.0
9.0
10.5
10.5
9.5
9.5
11.0
11.0
11.5
11.5
11.5
12.0
12.0
12.5
12.5
13.0
13.0
13.5
13.5
14.0
14.5
12.0
12.5
12.5
13.0
13.0
13.5
12.5
13.0
13.0
13.5
14.0
14.0
14.5
15.0
16.5
16.5
17.0
17.5
18.0
18.5
20.0
20.5
21.0
22.0
22.5
23.5
24.0
25.5
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
1.0
1.0
1.0
1.0
1.0
200
200
200
200
200
200
100
100
200
200
100
100
100
100
100
100
100
100
100
100
100
100
100
200
200
100
100
100
100
100
100
100
100
100
100
100
200
200
200
200
200
200
200
200
200
200
200
200
100
100
100
100
100
4,000
4,000
4,000
4,000
4,000
4,000
3,000
3,000
4,000
4,000
3,000
3,000
3,000
3,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
1,000
1,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
800
800
800
800
800
500
500
500
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
S
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
500
500
500
500
500
500
500
500
500
500
500
500
500
500
500
500
500
500
500
400
400
400
400
400
400
500
500
500
400
400
400
400
400
400
400
400
400
300
300
300
300
300
300
300
-
-
-
-
-
-
-
-
-
500
500
500
500
500
500
500
500
500
500
500
500
500
500
500
400
400
400
400
400
400
300
300
300
300
400
400
400
400
400
300
400
400
300
300
300
300
300
300
300
300
300
200
200
-
-
-
-
-
-
-
-
-
0.001
0.0011
0.0012
0.0013
0.0015
0.0016
0.0018
0.002
0.0022
0.0024
0.0027
0.003
0.0033
0.0036
0.0039
0.0043
0.0047
0.0051
0.0056
0.0062
0.0068
0.0075
0.0082
0.0091
0.01
0.011
0.012
0.013
0.015
0.016
0.018
0.02
0.022
0.024
0.027
0.03
0.033
0.036
0.039
0.043
0.047
0.051
0.056
0.062
0.068
0.075
0.082
0.091
0.1
0.11
0.12
0.13
0.15
Long Lead type
Taping Ammo pack type - style
: Tolerance (H:
3%, J:
5%)
** : Suffix
METALLIZED POLYPROPYLENE FILM CAPACITORS
MPE
PERMISSIBLE CURRENT FOR FREQUENCY
cap(
µF)
+
-
+
-
+
-
+
-
TC
TX, TH TL, TJ
TN
TS
Frequency (kHz)
800MPE
0
1
2
3
4
5
10
100
1000
154
104
473
223
103
472
222
102


Similar Part No. - 121MPE153

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results

Similar Description - 121MPE153

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com