Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC56F8014E Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC56F8014E
Description  16-bit Digital Signal Controllers
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC56F8014E Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC56F8014E Datasheet HTML 1Page - Freescale Semiconductor, Inc MC56F8014E Datasheet HTML 2Page - Freescale Semiconductor, Inc MC56F8014E Datasheet HTML 3Page - Freescale Semiconductor, Inc MC56F8014E Datasheet HTML 4Page - Freescale Semiconductor, Inc MC56F8014E Datasheet HTML 5Page - Freescale Semiconductor, Inc MC56F8014E Datasheet HTML 6Page - Freescale Semiconductor, Inc MC56F8014E Datasheet HTML 7Page - Freescale Semiconductor, Inc MC56F8014E Datasheet HTML 8Page - Freescale Semiconductor, Inc MC56F8014E Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 125 page
background image
56F8014 Technical Data, Rev. 9
4
Freescale Semiconductor
Preliminary
56F8014 Block Diagram
Program Controller
and Hardware
Looping Unit
Data ALU
16 x 16 + 36 -> 36-Bit MAC
Three 16-bit Input Registers
Four 36-bit Accumulators
Address
Generation Unit
Bit
Manipulation
Unit
16-Bit
56800E Core
Interrupt
Controller
4
Unified Data /
Program RAM
4KB
PDB
PDB
XAB1
XAB2
XDB2
CDBR
SPI or I2C
or Timer
or GPIOB
IPBus Bridge (IPBB)
System Bus
Control
R/W Control
Memory
PAB
PAB
CDBW
CDBR
CDBW
JTAG/EOnCE
Port or
GPIOD
Digital Reg
Analog Reg
Low-Voltage
Supervisor
VCAP VDD VSS_IO VDDA VSSA
4
RESET
5
Timer or
GPIOB
AD0
2
4
Clock
Generator*
System
Integration
Module
P
O
R
O
S
C
PWM Outputs
PWM
or Timer Port
or GPIOA
*Includes On-Chip
Relaxation Oscillator
COP/
Watchdog
AD1
4
Program Memory
8K x 16 Flash
ADC
or
GPIOC
SCI
or I2C
or GPIOB
2
2
• Up to 32 MIPS at 32MHz core frequency
• DSP and MCU functionality in a unified,
C-efficient architecture
• 16KB Program Flash
• 4KB Unified Data/Program RAM
• One 5-channel PWM module
• Two 4-channel 12-bit ADCs
• One Serial Communication Interface (SCI) with LIN
slave functionality
• One Serial Peripheral Interface (SPI)
• One 16-bit Quad Timer
• One Inter-Integrated Circuit (I2C) Port
• Computer Operating Properly (COP)/Watchdog
• On-Chip Relaxation Oscillator
• Integrated Power-On Reset and Low-Voltage Interrupt
Module
• JTAG/Enhanced On-Chip Emulation (OnCE™) for
unobtrusive, real-time debugging
• Up to 26 GPIO lines
• 32-pin LQFP Package
56F8014 General Description


Similar Part No. - MC56F8014E

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC56F8014E FREESCALE-MC56F8014E Datasheet
1Mb / 124P
   16-bit Digital Signal Controllers
logo
NXP Semiconductors
MC56F8014E NXP-MC56F8014E Datasheet
2Mb / 124P
   16-bit Digital Signal Controllers
Rev. 11 05/2008
More results

Similar Description - MC56F8014E

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com