Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A36-1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # A36-1
Description  Cascadable Amplifier 100 to 2300 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

A36-1 Datasheet(HTML) 1 Page - Tyco Electronics

  A36-1 Datasheet HTML 1Page - Tyco Electronics A36-1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
!
"
!
"
!
"
! #
$
!
!
!
"
#$
%
&
' (
(
(
) *(
+ ( ,
%$ ! &
'()
*
*
*
+
+ ,!
- ! . !/
0
- !
!
.
/
0
1
1
1
2 3
4
!
0
5
,$
.
/
0
6
7$ #$
8
0
# . !/
0
46
0
9
46
0
9
+
! 7
(
!
4
6
0
9
+: 2 4!#$
7$ #$ .
/
;< <$
! 8
.
/
=
-
(4
-( -=4
5 > : 7 + =-?+
0 . @6 /
A7:
+: 2 B
. @6 /
'?;4C' 7C 6C A? ?A 9
0
. @6 /
!
" =
* 2
#
"&D
,!E " " $
" !
!$
$ !,#
!
! #
!
! " ,"
D &
"
, D#
!
D F
#
,!
# &
#
3 #
!
3
D
D !
%$ ! & !,
=!
3 ;< D
!,!
F ! $
#
$ *
D #
!
0 " 7*
! +$
' $! #
F ,
"
&
E ! '4A*+ ;*
!3 !
!
! !,
3
D
&
.
/
0 &
/ .
1
2 /
=
*
7*
+'=
*
+$
' $!
<=
* GG
+'= < !!
)
1
3 4
5
/
1
3 4
+
,
#
$
*
H<
9
H<
<
#
$
9
H<
;<
,
9
< ! !$ $ 4!#$ 6
9
0
+"
4!#$ #
.
!$
/
:
6
F6
. I
/
:
J+K+
0$ !*4!
#
$
.
/
H<
#
!
!
5
/
"
2
!
LM
H< :
!
6
;
#
! 6
:
N$!
!
#
$
2
=D 3 <
M
9 H<
G73
#
$
#
!
#
!$ D
<=
* ,$
!
<
9
< ! &
GG "
!!
)
3
!
!
2 (
#
!


Similar Part No. - A36-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A36-1 MACOM-A36-1 Datasheet
113Kb / 1P
   100 TO 2300 MHz CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
A36-1 MA-COM-A36-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 100 to 2300 MHz
A36-1 MA-COM-A36-1 Datasheet
647Kb / 3P
   Cascadable Amplifier
A36-1-SMA36-1 MA-COM-A36-1-SMA36-1 Datasheet
1Mb / 2P
   Cascadable Amplifier
A36-1 MA-COM-A36-1_15 Datasheet
647Kb / 3P
   Cascadable Amplifier
More results

Similar Description - A36-1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SMA36-1 MA-COM-SMA36-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 100 to 2300 MHz
logo
Tyco Electronics
A36-1 MACOM-A36-1 Datasheet
113Kb / 1P
   100 TO 2300 MHz CASCADABLE AMPLIFIER
logo
Teledyne Technologies I...
AC2386 TELEDYNE-AC2386 Datasheet
131Kb / 1P
   1700 TO 2300 MHz TO-8 CASCADABLE AMPLIFIER
AC2366 TELEDYNE-AC2366 Datasheet
176Kb / 2P
   10 TO 2300 MHz TO-8 CASCADABLE AMPLIFIER
AC2356 TELEDYNE-AC2356 Datasheet
130Kb / 1P
   1700 TO 2300 MHz TO-8 CASCADABLE AMPLIFIER
UTOUTC2302 TELEDYNE-UTOUTC2302 Datasheet
179Kb / 6P
   Thin-Film Cascadable Amplifier 1700 to 2300 MHz
UTOUTC2303 TELEDYNE-UTOUTC2303 Datasheet
183Kb / 6P
   Thin-Film Cascadable Amplifier 1700 to 2300 MHz
UTOUTC2311 TELEDYNE-UTOUTC2311 Datasheet
179Kb / 6P
   Thin-Film Cascadable Amplifier 1700 to 2300 MHz
UTOUTC2321 TELEDYNE-UTOUTC2321 Datasheet
179Kb / 6P
   Thin-Film Cascadable Amplifier 1700 to 2300 MHz
logo
M/A-COM Technology Solu...
A43 MA-COM-A43 Datasheet
1Mb / 2P
   Cascadable Amplifier 100 to 3200 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com