Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56800EFM Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 56800EFM
Description  16-bit Digital Signal Controllers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56800EFM Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  56800EFM Datasheet HTML 1Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 2Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 3Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 4Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 5Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 6Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 7Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 8Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
56F802 Technical Data, Rev. 9
4
Freescale Semiconductor
Part 1 Overview
1.1 56F802 Features
1.1.1
Processing Core
Efficient 16-bit 56800 family controller engine with dual Harvard architecture
As many as 40 Million Instructions Per Second (MIPS) at 80 MHz core frequency
Single-cycle 16
× 16-bit parallel Multiplier-Accumulator (MAC)
Two 36-bit accumulators including extension bits
16-bit bidirectional barrel shifter
Parallel instruction set with unique processor addressing modes
Hardware DO and REP loops
Three internal address buses and one external address bus
Four internal data buses and one external data bus
Instruction set supports both DSP and controller functions
Controller style addressing modes and instructions for compact code
Efficient C compiler and local variable support
Software subroutine and interrupt stack with depth limited only by memory
JTAG/OnCE debug programming interface
1.1.2
Memory
Harvard architecture permits as many as three simultaneous accesses to program and data memory
On-chip memory including a low-cost, high-volume Flash solution
—8K
× 16 bit words of Program Flash
—1K
× 16-bit words of Program RAM
—2K
× 16-bit words of Data Flash
—1K
× 16-bit words of Data RAM
—2K
× 16-bit words of Boot Flash
Programmable Boot Flash supports customized boot code and field upgrades of stored code through a
variety of interfaces (JTAG)
1.1.3
Peripheral Circuits for 56F802
Pulse Width Modulator (PWM) with six PWM outputs with deadtime insertion and fault protection;
supports both center- and edge-aligned modes
Two 12-bit, Analog-to-Digital Converters (ADCs), 1 x 2 channel and 1 x 3 channel, which support two
simultaneous conversions; ADC and PWM modules can be synchronized
Two General Purpose Quad Timers with two external pins (or two GPIO)
Serial Communication Interface (SCI) with two pins (or two GPIO)
Four multiplexed General Purpose I/O (GPIO) pins


Similar Part No. - 56800EFM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56800EFM FREESCALE-56800EFM Datasheet
622Kb / 48P
   16-bit Digital Signal Controllers
logo
NXP Semiconductors
56800EFM NXP-56800EFM Datasheet
788Kb / 57P
   56F803 Datasheet with Addendum
Rev. 17, 10/2015
logo
Freescale Semiconductor...
56800EFM FREESCALE-56800EFM Datasheet
689Kb / 52P
   16-bit Digital Signal Controllers
logo
NXP Semiconductors
56800EFM NXP-56800EFM Datasheet
1Mb / 40P
   16-bit Digital Signal Controllers
Rev. 9 01/2007
logo
Freescale Semiconductor...
56800EFM FREESCALE-56800EFM Datasheet
729Kb / 56P
   16-bit Digital Signal Controllers
More results

Similar Description - 56800EFM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com