Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F803 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 56F803
Description  16-bit Digital Signal Controllers
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F803 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  56F803 Datasheet HTML 1Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 2Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
56F803 Technical Data, Rev. 15
4
Freescale Semiconductor
Part 1 Overview
1.1 56F803 Features
1.1.1
Processing Core
Efficient 16-bit 56800 family controller engine with dual Harvard architecture
As many as 40 Million Instructions Per Second (MIPS) at 80MHz core frequency
Single-cycle 16
× 16-bit parallel Multiplier-Accumulator (MAC)
•Two 36-bit accumulators, including extension bits
•16-bit bidirectional barrel shifter
Parallel instruction set with unique processor addressing modes
Hardware DO and REP loops
Three internal address buses and one external address bus
Four internal data buses and one external data bus
Instruction set supports both DSP and controller functions
Controller style addressing modes and instructions for compact code
Efficient C compiler and local variable support
Software subroutine and interrupt stack with depth limited only by memory
JTAG/OnCE debug programming interface
1.1.2
Memory
Harvard architecture permits as many as three simultaneous accesses to Program and Data memory
On-chip memory including a low-cost, high-volume Flash solution
—31.5K
× 16-bit words of Program Flash
—512K
× 16-bit words of Program RAM
—4K
× 16-bit words of Data Flash
—2K
× 16-bit words of Data RAM
—2K
× 16-bit words of Boot Flash
Off-chip memory expansion capabilities programmable for 0, 4, 8, or 12 wait states
— As much as 64K
× 16 bits of Data memory
— As much as 64K
× 16 bits of Program memory
1.1.3
Peripheral Circuits for 56F803
Pulse Width Modulator module (PWM) with six PWM outputs, three Current Sense inputs, and three Fault
inputs, fault-tolerant design with dead time insertion, supports both center- and edge- aligned modes,
supports Freescale’s patented dead time distortion correction
•Two 12-bit Analog-to-Digital Converters (ADCs), which support two simultaneous conversions; ADC and
PWM modules can be synchronized
Quadrature Decoder with four inputs (shares pins with Quad Timer)


Similar Part No. - 56F803

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
56F803 MOTOROLA-56F803 Datasheet
947Kb / 48P
   56F803 16-bit Hybrid Controller
logo
Freescale Semiconductor...
56F803 FREESCALE-56F803 Datasheet
595Kb / 52P
   16-bit Digital Signal Controllers
56F803 FREESCALE-56F803 Datasheet
675Kb / 57P
   16-bit Digital Signal Controllers
Rev. 17, 10/2015
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
logo
NXP Semiconductors
56F8033 NXP-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
More results

Similar Description - 56F803

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com