Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56F801-7UM Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # DSP56F801-7UM
Description  16-bit Digital Signal Controllers
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F801-7UM Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button DSP56F801-7UM Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56F801-7UM Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56F801-7UM Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56F801-7UM Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56F801-7UM Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56F801-7UM Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56F801-7UM Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56F801-7UM Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56F801-7UM Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
Clock and Phase Locked Loop Signals
56F803 Technical Data, Rev. 15
Freescale Semiconductor
11
2.3 Clock and Phase Locked Loop Signals
2.4 Address, Data, and Bus Control Signals
Table 2-5 PLL and Clock
No. of
Pins
Signal
Name
Signal
Type
State During
Reset
Signal Description
1
EXTAL
Input
Input
External Crystal Oscillator Input—This input should be connected to
an 8MHz external crystal or ceramic resonator. For more information,
please refer to Section 3.5.
1
XTAL
Input/
Output
Chip-driven
Crystal Oscillator Output—This output should be connected to an
8MHz external crystal or ceramic resonator. For more information,
please refer to Section 3.5.
This pin can also be connected to an external clock source. For more
information, please refer to Section 3.5.3.
1
CLKO
Output
Chip-driven
Clock Output—This pin outputs a buffered clock signal. By
programming the CLKOSEL[4:0] bits in the CLKO Select Register
(CLKOSR), the user can select between outputting a version of the
signal applied to XTAL and a version of the device’s master clock at the
output of the PLL. The clock frequency on this pin can also be disabled
by programming the CLKOSEL[4:0] bits in CLKOSR.
Table 2-6 Address Bus Signals
No. of
Pins
Signal
Name
Signal
Type
State During
Reset
Signal Description
6
A0–A5
Output
Tri-stated
Address Bus—A0–A5 specify the address for external Program or Data
memory accesses.
2
A6–A7
GPIOE2
GPIOE3
Output
Input/O
utput
Tri-stated
Input
Address Bus—A6–A7 specify the address for external Program or Data
memory accesses.
Port E GPIO—These two pins are General Purpose I/O (GPIO) pins that
can be individually programmed as input or output pins.
After reset, the default state is Address Bus.
8
A8–A15
GPIOA0
GPIOA7
Output
Input/O
utput
Tri-stated
Input
Address Bus—A8–A15 specify the address for external Program or
Data memory accesses.
Port A GPIO—These eight pins are General Purpose I/O (GPIO) pins
that can be individually programmed as input or output pins.
After reset, the default state is Address Bus.


Similar Part No. - DSP56F801-7UM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56F801-7UM MOTOROLA-DSP56F801-7UM Datasheet
343Kb / 40P
   16-bit Digital Signal Processor
logo
NXP Semiconductors
DSP56F801-7UM NXP-DSP56F801-7UM Datasheet
788Kb / 57P
   56F803 Datasheet with Addendum
Rev. 17, 10/2015
logo
Motorola, Inc
DSP56F801-7UM MOTOROLA-DSP56F801-7UM Datasheet
858Kb / 44P
   56F801 16-bit Hybrid Controller
logo
NXP Semiconductors
DSP56F801-7UM NXP-DSP56F801-7UM Datasheet
1Mb / 40P
   16-bit Digital Signal Controllers
Rev. 9 01/2007
logo
Freescale Semiconductor...
DSP56F801-7UM FREESCALE-DSP56F801-7UM Datasheet
622Kb / 48P
   16-bit Digital Signal Controllers
More results

Similar Description - DSP56F801-7UM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com