Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56F803E Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # DSP56F803E
Description  16-bit Digital Signal Controllers
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F803E Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button DSP56F803E Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
Introduction
56F803 Technical Data, Rev. 15
Freescale Semiconductor
9
Figure 2-1 56F803 Signals Identified by Functional Group1
1. Alternate pin functionality is shown in parenthesis.
56F803
Power Port
Ground Port
Power Port
Ground Port
PLL
and
Clock
External
Address Bus or
GPIO
External
Data Bus
External
Bus Control
SCI0 Port
or GPIO
VDD
VSS
VDDA
VSSA
VCAPC
EXTAL
XTAL
CLKO
A0-A5
A6-7 (GPIOE2-E3)
A8-15 (GPIOA0-A7)
D0–D15
PS
DS
RD
WR
PHASEA0 (TA0)
PHASEB0 (TA1)
INDEX0 (TA2)
HOME0 (TA3)
TCK
TMS
TDI
TDO
TRST
DE
Quadrature
Decoder or
Quad Timer A
JTAG/OnCE
Port
PWMA0-5
ISA0-2
FAULTA0-2
SCLK (GPIOE4)
MOSI (GPIOE5)
MISO (GPIOE6)
SS (GPIOE7)
TXD0 (GPIOE0)
RXD0 (GPIOE1)
ANA0-7
VREF
MSCAN_RX
MSCAN_TX
TD1-2
IRQA
IRQB
RESET
EXTBOOT
Quad
Timer D
ADCA
Port
Other
Supply
Ports
6
6*
1
1
2
1
1
1
6
2
8
16
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Interrupt/
Program
Control
6
3
3
1
1
1
1
1
1
8
1
1
1
2
1
1
1
1
PWMA
Port
SPI Port
or GPIO
CAN
*includes TCS pin which is reserved for factory use and is tied to VSS


Similar Part No. - DSP56F803E

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56F803E FREESCALE-DSP56F803E Datasheet
595Kb / 52P
   16-bit Digital Signal Controllers
logo
NXP Semiconductors
DSP56F803E NXP-DSP56F803E Datasheet
788Kb / 57P
   56F803 Datasheet with Addendum
Rev. 17, 10/2015
logo
Freescale Semiconductor...
DSP56F803E FREESCALE-DSP56F803E Datasheet
675Kb / 57P
   16-bit Digital Signal Controllers
Rev. 17, 10/2015
More results

Similar Description - DSP56F803E

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com