Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHD11N06LT Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PHD11N06LT
Description  N-channel TrenchMOS transistor Logic level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHD11N06LT Datasheet(HTML) 1 Page - NXP Semiconductors

  PHD11N06LT Datasheet HTML 1Page - NXP Semiconductors PHD11N06LT Datasheet HTML 2Page - NXP Semiconductors PHD11N06LT Datasheet HTML 3Page - NXP Semiconductors PHD11N06LT Datasheet HTML 4Page - NXP Semiconductors PHD11N06LT Datasheet HTML 5Page - NXP Semiconductors PHD11N06LT Datasheet HTML 6Page - NXP Semiconductors PHD11N06LT Datasheet HTML 7Page - NXP Semiconductors PHD11N06LT Datasheet HTML 8Page - NXP Semiconductors PHD11N06LT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Philips Semiconductors
Product specification
N-channel TrenchMOS
™ transistor
PHP11N06LT, PHB11N06LT
Logic level FET
PHD11N06LT
FEATURES
SYMBOL
QUICK REFERENCE DATA
• ’Trench’ technology
V
DSS = 55 V
• Low on-state resistance
• Fast switching
I
D = 10.5 A
• Logic level compatible
R
DS(ON) ≤ 150 mΩ (VGS = 5 V)
R
DS(ON) ≤ 130 mΩ (VGS = 10 V)
GENERAL DESCRIPTION
N-channel enhancement mode, logic level, field-effect power transistor in a plastic envelope using ’trench’ technology.
Applications:-
• d.c. to d.c. converters
• switched mode power supplies
The PHP11N06LT is supplied in the SOT78 (TO220AB) conventional leaded package.
The PHB11N06LT is supplied in the SOT404 (D
2PAK) surface mounting package.
The PHD11N06LT is supplied in the SOT428 (DPAK) surface mounting package.
PINNING
SOT78 (TO220AB)
SOT404 (D
2PAK)
SOT428 (DPAK)
PIN
DESCRIPTION
1
gate
2
drain
1
3
source
tab
drain
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DSS
Drain-source voltage
T
j = 25 ˚C to 175˚C
-
55
V
V
DGR
Drain-gate voltage
T
j = 25 ˚C to 175˚C; RGS = 20 kΩ
-55
V
V
GS
Gate-source voltage
-
± 15
V
V
GSM
Pulsed gate-source voltage
T
j ≤ 150˚C
-
± 20
V
I
D
Continuous drain current
T
mb = 25 ˚C
-
10.3
A
T
mb = 100 ˚C
-
7.3
A
I
DM
Pulsed drain current
T
mb = 25 ˚C
-
41
A
P
D
Total power dissipation
T
mb = 25 ˚C
-
33
W
T
j, Tstg
Operating junction and
- 55
175
˚C
storage temperature
d
g
s
12 3
tab
13
tab
2
1
2
3
tab
1 It is not possible to make connection to pin:2 of the SOT404 or SOT428 packages.
August 1999
1
Rev 1.000


Similar Part No. - PHD11N06LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD11N06LT PHILIPS-PHD11N06LT Datasheet
76Kb / 9P
   TrenchMOS transistor Logic level FET
September 1998 Rev 1.000
More results

Similar Description - PHD11N06LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP21N06LT PHILIPS-PHP21N06LT Datasheet
112Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
August 1999 Rev 1.500
PHN1018 PHILIPS-PHN1018 Datasheet
88Kb / 7P
   N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.200
PHP69N03LT PHILIPS-PHP69N03LT Datasheet
108Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.600
PHP50N03LT PHILIPS-PHP50N03LT Datasheet
108Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.800
PHP55N03LT PHILIPS-PHP55N03LT Datasheet
107Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.200
PHP87N03LT PHILIPS-PHP87N03LT Datasheet
102Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.600
logo
Nexperia B.V. All right...
BSS123 NEXPERIA-BSS123 Datasheet
143Kb / 5P
   N-channel TrenchMOS transistor Logic level FET
August 2000
logo
NXP Semiconductors
PHB11N03LT PHILIPS-PHB11N03LT Datasheet
105Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
September 1999 Rev 1.000
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com