Part Name
         Description
MSMJ104D

 PCMCIA Module ( 2 Page)


ETC2
100% 
Zoom Out Zoom In
   
 2 page
background image
Manufacturer
USA Distributor & Support Center
Representative
DIGITAL-LOGIC AG
Advanced Digital Logic, Inc.
Nordstrasse 4/F
4411 Morena Blvd., Suite 230
CH-4708 Luterbach
San Diego, CA 92117-4328
Switzerland
P: 858.490.0597 F: 858.490.0599
Email: sales@adlogic-pc104.com
http://www.adlogic-pc104.com
Technical Specifications
msmj104 rev11/01
Features
Functions
Remarks
Options
General
Controller
VADEM 469
Compatability
Fully compatible to Intel 365
PCMCIA Version
2.1
ExCA compatible
yes
Cascadeable
2 (equal. total 4 slots)
Card Holder
PCMCIA Slots
2
Card Type
I, II, III
Hot insertion
yes
Software
Programming Voltage
On-board
Boot Bios Extension
Available on-board
Boot EPROM
Software Support
SCM included with installation disk
Not included: Phoenix Card Manager; AMI;
AWARD Cardware: Software Systems
Data Transfer
Data Transfer Rates
16 Bit
Flash Card Read: up to 2MB/sec
Flash Card Write: up to 60KB/sec
SRAM Card Read: up to 2MB/sec
SRAM Card Write: up to 500KB/sec
Electrical
Power Supply
5V, 200mA
Environment
Dimensions
3.8" x 3.6" x 0.8" (96x90x20mm)
PC/104
Bus
PC/104
104 pin stack through
Operating Temperature
-25°C to 80°C (-13°F to 176°F)
Storage Temperature
-40°C to 125°C (-40°F to 257°F)
Layer
4 (GND and VCC seperate)
MSMJ104D
1  2 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
VL-FS-MDLS161612D-09SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
VL-FS-MGLS128128-29CSPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
MT9LSDT872SYNCHRONOUS DRAM MODULE 1 2 3 4 5 MoreMicron Technology
DIM600DDM17-A000Dual Switch IGBT Module 1 2 3 4 5 MoreDynex Semiconductor
VS6451Ultra small reflowable CIF+ camera module 1 2 3 4 5 STMicroelectronics
1MBI400S-1201200V / 400A 1 in one-package IGBT Module 1 2 3 4 Fuji Electric
UTS-413TInfrared IrDA Transceiver Module 1 2 3 4 Unity Opto Technology
1DI400MP-120POWER TRANSISTOR MODULE 1 2 3 4 5 Fuji Electric
AG8200Power-Over-Ethernet Module 1 2 3 4 5 MoreList of Unclassifed Manufacturers
RMPA1765_06K-PCS CDMA CDMA2000-1X and WCDMA Power Edge Power Amplifier Module 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl