Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56F826BU80E Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # DSP56F826BU80E
Description  16-bit Digital Signal Controllers
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F826BU80E Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button DSP56F826BU80E Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56F826BU80E Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56F826BU80E Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56F826BU80E Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56F826BU80E Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56F826BU80E Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56F826BU80E Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56F826BU80E Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56F826BU80E Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
56F826 Technical Data, Rev. 14
8
Freescale Semiconductor
Part 2 Signal/Connection Descriptions
2.1 Introduction
The input and output signals of the 56F826 are organized into functional groups, as shown in Table 2-1
and as illustrated in Figure 2-1. Table 2-1 describes the signal or signals present on a pin.
Table 2-1 Functional Group Pin Allocations
Functional Group
Number of Pins
Power (VDD, VDDIO or VDDA)
(3,4,1)
Ground (VSS, VSSIO or VSSA)
(3,4,1)
PLL and Clock
3
Address Bus1
16
Data Bus1
16
Bus Control
4
Quad Timer Module Ports1
4
JTAG/On-Chip Emulation (OnCE)
6
Dedicated General Purpose Input/Output
16
Synchronous Serial Interface (SSI) Port1
6
Serial Peripheral Interface (SPI) Port1
1. Alternately, GPIO pins
4
Serial Communications Interface (SCI) Ports
4
Interrupt and Program Control
5


Similar Part No. - DSP56F826BU80E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56F826 MOTOROLA-DSP56F826 Datasheet
591Kb / 44P
   Preliminary Technical Data DSP56F826 16-bit Digital Signal Processor
logo
Freescale Semiconductor...
DSP56F826 FREESCALE-DSP56F826 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
DSP56F826-827UM FREESCALE-DSP56F826-827UM Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
logo
Motorola, Inc
DSP56F826-827UM/D MOTOROLA-DSP56F826-827UM/D Datasheet
1Mb / 52P
   56F827 16-bit Hybrid Controller
DSP56F826D MOTOROLA-DSP56F826D Datasheet
591Kb / 44P
   Preliminary Technical Data DSP56F826 16-bit Digital Signal Processor
More results

Similar Description - DSP56F826BU80E

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com