Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSMR104 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MSMR104
Description  COM3/4-LPT2
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSMR104 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MSMR104 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSMR104 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Manufacturer
USA Distributor & Support Center
Representative
DIGITAL-LOGIC AG
Advanced Digital Logic, Inc.
Nordstrasse 4/F
4411 Morena Blvd., Suite 230
CH-4708 Luterbach
San Diego, CA 92117-4328
Switzerland
P: 858.490.0597 F: 858.490.0599
Email: sales@adlogic-pc104.com
http://www.adlogic-pc104.com
Technical Specifications
msmr_x104 rev11/01
Features
Functions
Remarks
Controller
SMC37C664
Clock Frequency
24MHz
Serial Controller
16C550 compatible
FIFO
16 Bytes
Baud Rates
300 Baud - 115kBaud
Interrupt
3, 4, 10, 11
Interface COM3
RS232C / V24 (default)
10 pins
RS485 (jumper selectable)
10 pins
Interface COM4
RS232C / V24 (default)
10 pins
RS485 (jumper selectable)
10 pins
Parallel Controller
LPT2
Bi-directional
Interrupts
5 or 10
General
Power Supply
5V, 150mA
Bus
PC/104
104 stack through pins
Size
3.6” x 3.8” x 0.8” (90 x 96 x 20 mm)
Operating Temp
-25 to +75ºC
Storage Temp
-65 to +125ºC
MSMR104, MSMX104


Similar Part No. - MSMR104

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
MSMR104 ADL-MSMR104 Datasheet
171Kb / 1P
   COM3/4-LPT2
More results

Similar Description - MSMR104

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
MSMR104 ADL-MSMR104 Datasheet
171Kb / 1P
   COM3/4-LPT2
logo
PHOENIX CONTACT
3030132 PHOENIX-3030132 Datasheet
63Kb / 2P
   FBS 4-4
3024834 PHOENIX-3024834 Datasheet
58Kb / 2P
   FBSTB 4-4
3060144 PHOENIX-3060144 Datasheet
94Kb / 5P
   UP 4/ 4
3045839 PHOENIX-3045839 Datasheet
254Kb / 13P
   Plug - UPBV 4/ 4
02/04/2022
1681004 PHOENIX-1681004 Datasheet
167Kb / 6P
   SACB-4/ 4-SC
3001569 PHOENIX-3001569 Datasheet
68Kb / 2P
   FBRN 4-4 N
1680940 PHOENIX-1680940 Datasheet
150Kb / 5P
   SACB-4/4- 5,0PUR
1701401 PHOENIX-1701401 Datasheet
108Kb / 4P
   CIOC 4-4-FV
Feb 2, 2011
1680953 PHOENIX-1680953 Datasheet
150Kb / 5P
   SACB-4/4-10,0PUR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com