Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M93C86-WMN7TG Datasheet(PDF) 7 Page - STMicroelectronics

Part # M93C86-WMN7TG
Description  16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C86-WMN7TG Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M93C86-WMN7TG Datasheet HTML 3Page - STMicroelectronics M93C86-WMN7TG Datasheet HTML 4Page - STMicroelectronics M93C86-WMN7TG Datasheet HTML 5Page - STMicroelectronics M93C86-WMN7TG Datasheet HTML 6Page - STMicroelectronics M93C86-WMN7TG Datasheet HTML 7Page - STMicroelectronics M93C86-WMN7TG Datasheet HTML 8Page - STMicroelectronics M93C86-WMN7TG Datasheet HTML 9Page - STMicroelectronics M93C86-WMN7TG Datasheet HTML 10Page - STMicroelectronics M93C86-WMN7TG Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7/31
M93C86, M93C76, M93C66, M93C56, M93C46
INSTRUCTIONS
The instruction set of the M93Cx6 devices con-
tains seven instructions, as summarized in Table
5. to Table 7.. Each instruction consists of the fol-
lowing parts, as shown in Figure 4.:
Each instruction is preceded by a rising edge
on Chip Select Input (S) with Serial Clock (C)
being held Low.
A start bit, which is the first ‘1’ read on Serial
Data Input (D) during the rising edge of Serial
Clock (C).
Two op-code bits, read on Serial Data Input
(D) during the rising edge of Serial Clock (C).
(Some instructions also use the first two bits of
the address to define the op-code).
The address bits of the byte or word that is to
be accessed. For the M93C46, the address is
made up of 6 bits for the x16 organization or 7
bits for the x8 organization (see Table 5.). For
the M93C56 and M93C66, the address is
made up of 8 bits for the x16 organization or 9
bits for the x8 organization (see Table 6.). For
the M93C76 and M93C86, the address is
made up of 10 bits for the x16 organization or
11 bits for the x8 organization (see Table 7.).
The M93Cx6 devices are fabricated in CMOS
technology and are therefore able to run as slow
as 0 Hz (static input signals) or as fast as the max-
imum ratings specified in Table 20. to Table 23..
Table 5. Instruction Set for the M93C46
Note: 1. X = Don't Care bit.
Instruc
tion
Description
Start
bit
Op-
Code
x8 Origination (ORG = 0)
x16 Origination (ORG = 1)
Address(1)
Data
Required
Clock
Cycles
Address(1)
Data
Required
Clock
Cycles
READ
Read Data from
Memory
1
10
A6-A0
Q7-Q0
A5-A0
Q15-Q0
WRITE
Write Data to
Memory
1
01
A6-A0
D7-D0
18
A5-A0
D15-D0
25
EWEN
Erase/Write Enable
1
00
11X XXXX
10
11 XXXX
9
EWDS
Erase/Write Disable
1
00
00X XXXX
10
00 XXXX
9
ERASE
Erase Byte or Word
1
11
A6-A0
10
A5-A0
9
ERAL
Erase All Memory
1
00
10X XXXX
10
10 XXXX
9
WRAL
Write All Memory
with same Data
1
00
01X XXXX
D7-D0
18
01 XXXX
D15-D0
25


Similar Part No. - M93C86-WMN7TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M93C86-WMN7 STMICROELECTRONICS-M93C86-WMN7 Datasheet
611Kb / 31P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
More results

Similar Description - M93C86-WMN7TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M93C86 STMICROELECTRONICS-M93C86 Datasheet
611Kb / 31P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
M93C86 STMICROELECTRONICS-M93C86 Datasheet
436Kb / 27P
   16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
M24C02-R STMICROELECTRONICS-M24C02-R Datasheet
208Kb / 29P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
M93S66 STMICROELECTRONICS-M93S66 Datasheet
525Kb / 34P
   4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
M93C46MN6T STMICROELECTRONICS-M93C46MN6T Datasheet
623Kb / 33P
   (8-bit or 16-bit wide) MICROWIRE serial access EEPROM
November 2013 Rev 15
M93C46-WMN6P STMICROELECTRONICS-M93C46-WMN6P Datasheet
979Kb / 33P
   16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit (8-bit or 16-bit wide) MICROWIRE serial access EEPROM
M95040 STMICROELECTRONICS-M95040 Datasheet
586Kb / 37P
   4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
ST93C06 STMICROELECTRONICS-ST93C06 Datasheet
118Kb / 15P
   256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM
M93C86-125 STMICROELECTRONICS-M93C86-125 Datasheet
248Kb / 32P
   Automotive 16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit (8-bit or 16-bit wide) MICROWIRE serial EEPROM
M93C86 STMICROELECTRONICS-M93C86_11 Datasheet
350Kb / 34P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com