Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83A3C-B12-K08 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 83A3C-B12-K08
Description  83/84 - 5/8 Square 10-Turn
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

83A3C-B12-K08 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  83A3C-B12-K08 Datasheet HTML 1Page - Bourns Electronic Solutions 83A3C-B12-K08 Datasheet HTML 2Page - Bourns Electronic Solutions 83A3C-B12-K08 Datasheet HTML 3Page - Bourns Electronic Solutions 83A3C-B12-K08 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Resistance
Resolution
(Ohms)
(Nom.) (%)
200
.048
500
.037
1 K
.032
2 K
.031
5 K
.023
10 K
.020
20 K
.015
50 K
.012
100 K
.010
Wirewound Resolution Table
37.03 ± .71
(1.458 ± .028)
Dual Section Model 83 PC Pins
7.62 ± .25
(.30 ± .01)
Note: The Models 83/84 dimensions for dual
section assembly are for either single or dual
concentric shaft styles.
Dual Section Model 84 Solder Lugs
37.03 ± .71
(1.458 ± .028)
7.62 ± .25
(.30 ± .01)
Dimensional Drawings
DIMENSIONS ARE:
MM
(INCHES)
83/84 - 5/8 ” Square 10-Turn


Similar Part No. - 83A3C-B12-K08

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
83A3C-B12-J15L BOURNS-83A3C-B12-J15L Datasheet
315Kb / 4P
   Square 10-Turn
More results

Similar Description - 83A3C-B12-K08

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
83A1A-B28-J15L BOURNS-83A1A-B28-J15L_12 Datasheet
315Kb / 4P
   Square 10-Turn
logo
Vishay Siliconix
M63P201KB40T607 VISHAY-M63P201KB40T607 Datasheet
88Kb / 3P
   3/8 Square (10 mm) Single-Turn Cermet Trimmer
26-Jan-18
M64P224KB40 VISHAY-M64P224KB40 Datasheet
105Kb / 5P
   3/8 Square (10 mm) Multi-Turn Cermet Trimmer
01-Jan-2022
64P201E3 VISHAY-64P201E3 Datasheet
137Kb / 4P
   3/8 Square (10 mm) Multi-Turn Cermet Trimmer
Revision: 04-Sep-07
logo
Bourns Electronic Solut...
96A1A-A28-A15L BOURNS-96A1A-A28-A15L Datasheet
269Kb / 4P
   Model 96 - 5/8 ??Square Sealed Single-Turn Panel Control
96R1A-R16-A15L BOURNS-96R1A-R16-A15L Datasheet
269Kb / 4P
   Model 96 - 5/8 ??Square Sealed Single-Turn Panel Control
91A2A BOURNS-91A2A Datasheet
345Kb / 6P
   91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control 97, 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
91A1A-B28-B17L BOURNS-91A1A-B28-B17L Datasheet
218Kb / 5P
   91, 92, 93, 94, 95, 96, 99 - 5/8 ??Square Single-Turn Panel Control 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
logo
Vishay Siliconix
T93 VISHAY-T93 Datasheet
155Kb / 3P
   3/8 Square Multi-Turn Cermet Trimmers
05-Aug-04
T93XB503KT20 VISHAY-T93XB503KT20 Datasheet
116Kb / 6P
   3/8 Square Multi-Turn Cermet Trimmer
Revision: 05-Aug-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com