Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56371 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # DSP56371
Description  high density CMOS device
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56371 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button DSP56371 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56371 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56371 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56371 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56371 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56371 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56371 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56371 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56371 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
DSP56371 Data Sheet, Rev. 4.1
Signal/Connection Descriptions
Freescale Semiconductor
10
implement the Motorola SPI serial protocol. The ESAI consists of independent transmitter and receiver
sections, each with its own clock generator. It is a superset of the DSP56300 family ESSI peripheral and
of the DSP56000 family SAI peripheral. For more information on the ESAI, refer to DSP56371 User’s
Manual, Enhanced Serial Audio Interface (ESAI) section.
2.5.4
Enhanced Serial Audio Interface 1 (ESAI_1)
The ESAI_1 is a second ESAI interface. The ESAI_1 is functionally identical to ESAI. For more
information on the ESAI_1, refer to DSP56371 User’s Manual, Enhanced Serial Audio Interface (ESAI_1)
section.
2.5.5
Serial Host Interface (SHI)
The SHI is a serial input/output interface providing a path for communication and program/coefficient data
transfers between the DSP and an external host processor. The SHI can also communicate with other serial
peripheral devices. The SHI can interface directly to either of two well-known and widely used
synchronous serial buses: the Motorola serial peripheral interface (SPI) bus and the Philips
inter-integrated-circuit control (I2C) bus. The SHI supports either the SPI or I2C bus protocol, as required,
from a slave or a single-master device. To minimize DSP overhead, the SHI supports single-, double- and
triple-byte data transfers. The SHI has a 10-word receive FIFO that permits receiving up to 30 bytes before
generating a receive interrupt, reducing the overhead for data reception. For more information on the SHI,
refer to DSP56371 User’s Manual, Serial Host Interface section.
2.5.6
Digital Audio Transmitter (DAX)
The DAX is a serial audio interface module that outputs digital audio data in the AES/EBU, CP-340 and
IEC958 formats. For more information on the DAX, refer to DSP56371 User’s Manual, Digital Audio
section.
3
Signal/Connection Descriptions
3.1
Signal Groupings
The input and output signals of the DSP56374 are organized into functional groups, which are listed in
Table 1. and illustrated in Figure 2.
The DSP56374 is operated from a 1.25 V and 3.3 V supply; however, some of the inputs can tolerate 5.0
V. A special notice for this feature is added to the signal descriptions of those inputs.


Similar Part No. - DSP56371

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56371 MOTOROLA-DSP56371 Datasheet
1Mb / 102P
   high density CMOS device
logo
NXP Semiconductors
DSP56371 NXP-DSP56371 Datasheet
1Mb / 68P
   The DSP56371 is a high density CMOS device with 5.0-V compatible inputs and outputs
Rev. 4.1, 1/2007
logo
Motorola, Inc
DSP56371D MOTOROLA-DSP56371D Datasheet
1Mb / 102P
   high density CMOS device
More results

Similar Description - DSP56371

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56371 MOTOROLA-DSP56371 Datasheet
1Mb / 102P
   high density CMOS device
logo
Freescale Semiconductor...
DSP56374 FREESCALE-DSP56374 Datasheet
1Mb / 64P
   a high-density CMOS device
logo
Motorola, Inc
DSP56374 MOTOROLA-DSP56374 Datasheet
1Mb / 128P
   high density CMOS device with 3.3 V inputs and outputs
logo
ATMEL Corporation
ATV2500B ATMEL-ATV2500B_14 Datasheet
762Kb / 21P
   High-performance, High-density Programmable Logic Device
ATV2500BQL ATMEL-ATV2500BQL_14 Datasheet
762Kb / 21P
   High-performance, High-density Programmable Logic Device
ATV2500BQ ATMEL-ATV2500BQ_14 Datasheet
762Kb / 21P
   High-performance, High-density Programmable Logic Device
logo
Shenzhen Huazhimei Semi...
HM74HC138D HMSEMI-HM74HC138D Datasheet
528Kb / 6P
   high-speed CMOS device
logo
ATMEL Corporation
ATV750 ATMEL-ATV750 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV2500H ATMEL-ATV2500H Datasheet
661Kb / 15P
   High-Density UV-Erasable Programmable Logic Device
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com