Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56852UM Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # DSP56852UM
Description  16-bit Digital Signal Controllers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56852UM Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  DSP56852UM Datasheet HTML 1Page - Freescale Semiconductor, Inc DSP56852UM Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56852UM Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56852UM Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56852UM Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56852UM Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56852UM Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56852UM Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56852UM Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
56852 Description
56852 Technical Data, Rev. 8
Freescale Semiconductor
5
1.1.4
Energy Information
Fabricated in high-density CMOS with 3.3V, TTL-compatible digital inputs
Wait and Stop modes available
1.2 56852 Description
The 56852 is a member of the 56800E core-based family of controllers. It combines, on a single chip, the
processing power of a Digital Signal Processor (DSP) and the functionality of a microcontroller with a
flexible set of peripherals to create an extremely cost-effective solution. Because of its low cost,
configuration flexibility, and compact program code, the 56852 is well-suited for many applications. The
56852 includes many peripherals especially useful for low-end Internet appliance applications and
low-end client applications such as telephony; portable devices; Internet audio; and point-of-sale systems
such as noise suppression; ID tag readers; sonic/subsonic detectors; security access devices; remote
metering; and sonic alarms.
The 56800E core is based on a Harvard-style architecture consisting of three execution units operating in
parallel, allowing as many as six operations per instruction cycle. The microprocessor-style programming
model and optimized instruction set allow straightforward generation of efficient, compact DSP and
control code. The instruction set is also highly efficient for C-Compilers, enabling rapid development of
optimized control applications.
The 56852 supports program execution from either internal or external memories. Two data operands can
be accessed from the on-chip Data RAM per instruction cycle. The 56852 also provides two external
dedicated interrupt lines, and up to 11 General Purpose Input/Output (GPIO) lines, depending on
peripheral configuration.
The 56852 includes 6K words of Program RAM, 4K words of Data RAM and 1K of Boot RAM. It also
supports program execution from external memory.
This controller also provides a full set of standard programmable peripherals that include one improved
Synchronous Serial Interface (SSI) or one Serial Peripheral Interface (SPI), one Serial Communications
Interface (SCI), and one Quad Timer. The SSI, SPI, SCI I/O and three chip selects can be used as General
Purpose Input/Outputs when its primary function is not required. The SSI and SPI share I/O, so, at most,
one of these two peripherals can be in use at any time.
1.3 State of the Art Development Environment
Processor ExpertTM (PE) provides a Rapid Application Design (RAD) tool that combines easy-to-use
component-based software application creation with an expert knowledge system.
The Code Warrior Integrated Development Environment is a sophisticated tool for code navigation,
compiling, and debugging. A complete set of evaluation modules (EVMs) and development system cards
will support concurrent engineering. Together, PE, Code Warrior and EVMs create a complete, scalable
tools solution for easy, fast, and efficient development.


Similar Part No. - DSP56852UM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56852UM FREESCALE-DSP56852UM Datasheet
74Kb / 2P
   Feature Phone Software Application Product Brief
More results

Similar Description - DSP56852UM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com