Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56852VF120 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # DSP56852VF120
Description  16-bit Digital Signal Controllers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56852VF120 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button DSP56852VF120 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56852VF120 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56852VF120 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56852VF120 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56852VF120 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56852VF120 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56852VF120 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56852VF120 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56852VF120 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
56852 Technical Data, Rev. 8
10
Freescale Semiconductor
E4
A0
Output(Z)
Address Bus (A0–A16)—These pins specify a word address for
external program or data memory addresses.
F2
A1
F3
A2
F4
A3
F1
A4
G3
A5
G2
A6
J1
A7
H2
A8
H3
A9
J2
A10
H4
A11
G4
A12
J3
A13
F5
A14
H5
A15
E5
A16
F6
A17
TIO0
Output(Z)
Input/Output
Address Bus (A17)
Timer I/O (0)—Can be programmed as either a timer input source or as
a timer output flag.
G5
A18
TIO1
Output(Z)
Input/Output
Address Bus (A18)
Timer I/O (1)—Can be programmed as either a timer input source or as
a timer output flag.
H6
A19
CS3
Output(Z)
Output
Address Bus (A19)
External Chip Select 3 —When enabled, a CSx signal is asserted for
external memory accesses that fall within a programmable address
range.
J8
CLKO
A20
Output
Output
Output clock (CLKO)—User programmable clock out reference
Address Bus—A20
D2
CS0
GPIOA0
Output
Input/Output
Chip Select 0 (CS0) —When enabled, a CSx signal is asserted for
external memory accesses that fall within a programmable address
range.
Port A GPIO (0) —A general purpose IO pin.
Table 3-1. 56852 Signal and Package Information for the 81-pin MAPBGA (Continued)
Pin No.
Signal Name
Type
Description


Similar Part No. - DSP56852VF120

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56852VF120 MOTOROLA-DSP56852VF120 Datasheet
1,004Kb / 44P
   DSP56852 16-bit Digital Signal Processor
logo
NXP Semiconductors
DSP56852VF120 NXP-DSP56852VF120 Datasheet
1Mb / 48P
   16-bit Digital Signal Controllers
Rev. 8 01/2007
More results

Similar Description - DSP56852VF120

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com