Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC05J5AP Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MC68HC05J5AP
Description  8-bit microcontroller units
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC05J5AP Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC68HC05J5AP Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68HC05J5AP Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68HC05J5AP Datasheet HTML 9Page - Freescale Semiconductor, Inc MC68HC05J5AP Datasheet HTML 10Page - Freescale Semiconductor, Inc MC68HC05J5AP Datasheet HTML 11Page - Freescale Semiconductor, Inc MC68HC05J5AP Datasheet HTML 12Page - Freescale Semiconductor, Inc MC68HC05J5AP Datasheet HTML 13Page - Freescale Semiconductor, Inc MC68HC05J5AP Datasheet HTML 14Page - Freescale Semiconductor, Inc MC68HC05J5AP Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 106 page
background image
July 16, 1999
GENERAL RELEASE SPECIFICATION
GENERAL DESCRIPTION
REV 2.1
1-1
SECTION 1
GENERAL DESCRIPTION
The MC68HC05J5A is a member of the low-cost high-performance M68HC05
Family of 8-bit microcontroller units (MCUs). The M68HC05 Family is based on
the customer-specified integrated circuit design strategy. All MCUs in the family
use the popular M68HC05 central processing unit (CPU) and are available with a
variety of subsystems, memory sizes and types, and package types.
The MC68HC05J5A is an enhanced version of the MC68HC05J5, with expanded
RAM, ROM sizes, and an additional 16-bit timer with TCAP. This MCU is available
in 20-pin PDIP, 20-pin SOIC, 16-pin PDIP, and 16-pin SOIC packages. The 16-pin
version has four less I/O lines.
Three variation on the MC68HC05J5A device are available; a summary of their
differences are listed in the following table:
1.1
FEATURES
The features of the MC68HC05J5A include the following:
Industry standard M68HC05 CPU core
Fully static operation with no minimum clock speed
Power-saving STOP and WAIT modes
Memory-Mapped Input/Output (I/O) registers
2560 Bytes of user ROM with security feature
128 Bytes of user RAM
On-Chip Oscillator:
– Crystal/Resonator oscillator
– External clock oscillator
15-Bit Multi-function Timer
16-Bit Programmable Timer with Input Capture
DEVICE
ROM TYPE
OSCILLATOR OPTION
REFERENCE
MC68HC05J5A
2560 bytes ROM
Crystal/resonator or external clock oscillator
MC68HRC05J5A
2560 bytes ROM
RC oscillator
Appendix A
MC68HC705J5A
2560 bytes EPROM
Crystal/resonator or external clock oscillator
Appendix B
MC68HRC705J5A
2560 bytes EPROM
RC oscillator
Appendix C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68HC05J5AP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC68HC05J5AP NXP-MC68HC05J5AP Datasheet
2Mb / 106P
   The MC68HC05J5A is a member of the low-cost high-performance M68HC05 Family of 8-bit microcontroller units (MCUs).
July 16, 1999 REV 2.1
More results

Similar Description - MC68HC05J5AP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC908LJ12 FREESCALE-MC68HC908LJ12 Datasheet
4Mb / 413P
   8-bit microcontroller units
logo
Motorola, Inc
68HC08KH12 MOTOROLA-68HC08KH12 Datasheet
2Mb / 262P
   8 BIT MICROCONTROLLER UNITS
logo
Freescale Semiconductor...
68HC05JB3 FREESCALE-68HC05JB3 Datasheet
1Mb / 134P
   8-bit microcontroller units (MCUs)
logo
Motorola, Inc
HC705J2 MOTOROLA-HC705J2 Datasheet
427Kb / 78P
   M68HC05 FAMILY OF 8 BIT MICROCONTROLLER UNITS
logo
Freescale Semiconductor...
MC68HC08KH12 FREESCALE-MC68HC08KH12 Datasheet
2Mb / 262P
   Low-Cost, High-Performance 8-bit Microcontroller Units
logo
Motorola, Inc
MC68HC08AS32 MOTOROLA-MC68HC08AS32 Datasheet
1Mb / 394P
   M68HC08 Family of 8-bit microcontroller units (MCUs)
MC68HC908GP32 MOTOROLA-MC68HC908GP32 Datasheet
3Mb / 410P
   M68HC08 Family of 8-bit microcontroller units (MCUs)
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com