Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH16S72PHC-8 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # MH16S72PHC-8
Description  1207959552-BIT (16777216 - WORD BY 72-BIT)SynchronousDRAM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH16S72PHC-8 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  MH16S72PHC-8 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH16S72PHC-8 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH16S72PHC-8 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH16S72PHC-8 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH16S72PHC-8 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH16S72PHC-8 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH16S72PHC-8 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH16S72PHC-8 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH16S72PHC-8 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
MH16S72PHC -7,-8, -10
1207959552-BIT (16777216 - WORD BY 72-BIT)SynchronousDRAM
MITSUBISHI LSIs
(
/ 55 )
MITSUBISHI
ELECTRIC
11/Jan. /1999
Preliminary Spec.
Some contents are subject to change without notice.
MIT-DS-0300-0.0
Serial Presence Detect Table I
Byte
Function described
SPD enrty data
SPD DATA(hex)
0
Defines # bytes written into serial memory at module mfgr
128
80
1
Total # bytes of SPD memory device
256 Bytes
08
2
Fundamental memory type
SDRAM
04
3
# Row Addresses on this assembly
A0-A11
0C
4
# Column Addresses on this assembly
A0-A8
09
5
# Module Banks on this assembly
2BANK
02
6
Data Width of this assembly...
x72
48
7
... Data Width continuation
0
00
8
Voltage interface standard of this assembly
LVTTL
01
9
SDRAM Cycletime at Max. Supported CAS Latency (CL).
A0
Cycle time for CL=3
10
SDRAM Access from Clock
6ns
60
tAC for CL=3
8ns
80
11
DIMM Configuration type (Non-parity,Parity,ECC)
ECC
02
12
Refresh Rate/Type
self refresh(15.625uS)
80
13
SDRAM width,Primary DRAM
x16
10
14
Error Checking SDRAM data width
x16
10
15
Minimum Clock Delay,Back to Back Random Column Addresses
1
01
16
Burst Lengths Supported
1/2/4/8/Full page
8F
17
# Banks on Each SDRAM device
4bank
04
18
CAS# Latency
2/3
06
19
CS# Latency
0
01
20
Write Latency
0
01
21
SDRAM Module Attributes
non-buffered,non-registered
00
22
SDRAM Device Attributes:General
Precharge All,Auto precharge
0E
23
SDRAM Cycle time(2nd highest CAS latency)
Cycle time for CL=2
13ns
D0
24
SDRAM Access form Clock(2nd highest CAS latency)
7ns
70
tAC for CL=2
8ns
80
25
SDRAM Cycle time(3rd highest CAS latency)
N/A
00
N/A
00
26
SDRAM Access form Clock(3rd highest CAS latency)
27
Precharge to Active Minimum
20ns
14
28
Row Active to Row Active Min.
20ns
14
-7,-8
-10
10ns
-8
-8
-10
-7,-8
-7
10ns
A0
6ns
60
-7
29
RAS to CAS Delay Min
20ns
14
-7,-8
30
Active to Precharge Min
50ns
32
60ns
3C
-7,-8
-10
4
-7,-8,-10
15ns
F0
-10
30ns
1E
-10
-7,-8,-10
30ns
1E
-10


Similar Part No. - MH16S72PHC-8

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH16S72PHB-10 MITSUBISHI-MH16S72PHB-10 Datasheet
590Kb / 55P
   1207959552-BIT (16777216 - WORD BY 72-BIT)SynchronousDRAM
MH16S72PHB-6 MITSUBISHI-MH16S72PHB-6 Datasheet
573Kb / 40P
   1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH16S72PHB-7 MITSUBISHI-MH16S72PHB-7 Datasheet
590Kb / 55P
   1207959552-BIT (16777216 - WORD BY 72-BIT)SynchronousDRAM
MH16S72PHB-8 MITSUBISHI-MH16S72PHB-8 Datasheet
590Kb / 55P
   1207959552-BIT (16777216 - WORD BY 72-BIT)SynchronousDRAM
More results

Similar Description - MH16S72PHC-8

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH16S72BAMD-7 MITSUBISHI-MH16S72BAMD-7 Datasheet
592Kb / 55P
   1207959552-BIT (16777216 - WORD BY 72-BIT)SynchronousDRAM
MH16S72AMA-8 MITSUBISHI-MH16S72AMA-8 Datasheet
1Mb / 52P
   1207959552-BIT (16777216 - WORD BY 72-BIT)SynchronousDRAM
MH16S72PHB-7 MITSUBISHI-MH16S72PHB-7 Datasheet
590Kb / 55P
   1207959552-BIT (16777216 - WORD BY 72-BIT)SynchronousDRAM
MH16S72DAMD-6 MITSUBISHI-MH16S72DAMD-6 Datasheet
718Kb / 55P
   1207959552-BIT (16777216 - WORD BY 72-BIT)Synchronous DRAM
MH16S72PJB-7 MITSUBISHI-MH16S72PJB-7 Datasheet
733Kb / 56P
   1207959552-BIT ( 16777216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH16V72AWJ-5 MITSUBISHI-MH16V72AWJ-5 Datasheet
195Kb / 20P
   FAST PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16S64PHB-7 MITSUBISHI-MH16S64PHB-7 Datasheet
589Kb / 55P
   1073741824-BIT (16777216 - WORD BY 64-BIT)SynchronousDRAM
MH16V725BATJ-5 MITSUBISHI-MH16V725BATJ-5 Datasheet
149Kb / 22P
   HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V725BWJ-5 MITSUBISHI-MH16V725BWJ-5 Datasheet
129Kb / 22P
   HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16S64FFB-10 MITSUBISHI-MH16S64FFB-10 Datasheet
580Kb / 55P
   1073741824-BIT (16777216 - WORD BY 64-BIT)SynchronousDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com