Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH16S72PJB-7 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # MH16S72PJB-7
Description  1207959552-BIT ( 16777216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH16S72PJB-7 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  MH16S72PJB-7 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH16S72PJB-7 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH16S72PJB-7 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH16S72PJB-7 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH16S72PJB-7 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH16S72PJB-7 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH16S72PJB-7 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH16S72PJB-7 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH16S72PJB-7 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
MITSUBISHI
ELECTRIC
1207959552-BIT ( 16777216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH16S72PJB-7, -8
MITSUBISHI LSIs
Preliminary
Preliminary
Spec.
Spec.
11/Jan. /1999
MIT-DS-0302-0.0
DESCRIPTION
APPLICATION
Main memory unit for computers, Microcomputer memory.
PRELIMINARY
Some of contents are subject to change without notice.
1
1pin
10pin
11pin
40pin
41pin
84pin
85pin
94pin
95pin
124pin
125pin
168pin
The MH16S72PJB is 16777216 - word x 72-bit
Synchronous DRAM module. This consist of nine industry
standard 16M x 8 Synchronous DRAMs in TSOP.
The mounting of TSOP on a card edge dual in-line package
provides any application where high densities and large of
quantities memory are required.
This is a socket-type memory module ,suitable for easy
interchange or addition of module.
FEATURES
Type name
6ns (CL = 2, 3)
MH16S72PJB-7
Utilizes industry standard 16M X 8 Synchronous DRAMs in
TSOP package , industry standard Resistered buffer in
TSSOP package and industry standard PLL in TSSOP
package
Single 3.3V +/- 0.3V supply
LVTTL Interface
Burst length 1/2/4/8/Full Page(programmable)
Burst Write / Single Write(programmable)
Auto precharge / All bank precharge controlled by A10
Auto refresh and Self refresh
4096 refresh cycles every 64ms
Max.
Frequency
CLK
Access Time
[component level]
100MHz
Discrete IC and module design conform to
PC/100 specification.
(module Spec. Rev. 1.0 and SPD 1.2A)
6ns (CL = 3)
MH16S72PJB-8
100MHz


Similar Part No. - MH16S72PJB-7

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH16S72PHB-10 MITSUBISHI-MH16S72PHB-10 Datasheet
590Kb / 55P
   1207959552-BIT (16777216 - WORD BY 72-BIT)SynchronousDRAM
MH16S72PHB-6 MITSUBISHI-MH16S72PHB-6 Datasheet
573Kb / 40P
   1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH16S72PHB-7 MITSUBISHI-MH16S72PHB-7 Datasheet
590Kb / 55P
   1207959552-BIT (16777216 - WORD BY 72-BIT)SynchronousDRAM
MH16S72PHB-8 MITSUBISHI-MH16S72PHB-8 Datasheet
590Kb / 55P
   1207959552-BIT (16777216 - WORD BY 72-BIT)SynchronousDRAM
MH16S72PHC-10 MITSUBISHI-MH16S72PHC-10 Datasheet
591Kb / 55P
   1207959552-BIT (16777216 - WORD BY 72-BIT)SynchronousDRAM
More results

Similar Description - MH16S72PJB-7

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH16V72AWJ-5 MITSUBISHI-MH16V72AWJ-5 Datasheet
195Kb / 20P
   FAST PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V725BATJ-5 MITSUBISHI-MH16V725BATJ-5 Datasheet
149Kb / 22P
   HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V725BWJ-5 MITSUBISHI-MH16V725BWJ-5 Datasheet
129Kb / 22P
   HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V724AWJ-5 MITSUBISHI-MH16V724AWJ-5 Datasheet
189Kb / 20P
   FAST PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V7245BWJ-5 MITSUBISHI-MH16V7245BWJ-5 Datasheet
129Kb / 22P
   HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V7245BATJ-5 MITSUBISHI-MH16V7245BATJ-5 Datasheet
152Kb / 23P
   HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16S72DAMD-6 MITSUBISHI-MH16S72DAMD-6 Datasheet
718Kb / 55P
   1207959552-BIT (16777216 - WORD BY 72-BIT)Synchronous DRAM
MH16S72BAMD-7 MITSUBISHI-MH16S72BAMD-7 Datasheet
592Kb / 55P
   1207959552-BIT (16777216 - WORD BY 72-BIT)SynchronousDRAM
MH16S72AMA-8 MITSUBISHI-MH16S72AMA-8 Datasheet
1Mb / 52P
   1207959552-BIT (16777216 - WORD BY 72-BIT)SynchronousDRAM
MH16S72PHB-7 MITSUBISHI-MH16S72PHB-7 Datasheet
590Kb / 55P
   1207959552-BIT (16777216 - WORD BY 72-BIT)SynchronousDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com