Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJ2D Datasheet(PDF) 1 Page - Won-Top Electronics

Part # GBJ2D
Description  2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

GBJ2D Datasheet(HTML) 1 Page - Won-Top Electronics

  GBJ2D Datasheet HTML 1Page - Won-Top Electronics GBJ2D Datasheet HTML 2Page - Won-Top Electronics GBJ2D Datasheet HTML 3Page - Won-Top Electronics GBJ2D Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GBJ2A – GBJ2M
1 of 4
© 2006 Won-Top Electronics
Pb
GBJ2A – GBJ2M
2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Features
!
Glass Passivated Die Construction
!
Low Forward Voltage Drop
A
!
High Current Capability
H
!
High Reliability
!
High Surge Current Capability
B
!
Ideal for Printed Circuit Boards
E
+
~
~
-
!
Recognized File # E157705
                
G
D
J
Mechanical Data
P
P
P
!
Case: GBL, Molded Plastic
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
C
!
Polarity: As Marked on Body
!
Weight: 2.0 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
K
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
L
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
GBJ2A GBJ2B GBJ2D GBJ2G GBJ2J GBJ2K GBJ2M
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TC = 50°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
60
A
Forward Voltage per leg
@IF = 2.0A
VFM
1.1
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IR
5.0
300
µA
Typical Thermal Resistance per leg (Note 1)
RJA
40
°C/W
Typical Thermal Resistance per leg (Note 2)
RJL
12
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Mounted on 75 x 75 x 3.0mm Al. plate.
2. Mounted on PCB at 9.5mm lead length with 12mm2 copper pad.
WTE
POWER SEMICONDUCTORS
GBL
Dim
Min
Max
A
20.7
20.9
B
10.4
10.7
C
3.25
3.56
D
17.3
18.2
E
1.50
2.03
G
2.03
2.41
H
3.17 x 45°
J
1.02
1.27
K
1.27
1.53
L
0.46
0.56
P
4.8
5.3
All Dimensions in mm


Similar Part No. - GBJ2D

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
GBJ2D SECOS-GBJ2D Datasheet
243Kb / 2P
   2.0 AMP Glass Passivated Bridge Rectifiers
logo
CHENG-YI ELECTRONIC CO....
GBJ2D CHENG-YI-GBJ2D Datasheet
149Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
GOOD-ARK Electronics
GBJ2D GOOD-ARK-GBJ2D Datasheet
736Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
More results

Similar Description - GBJ2D

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBP200G WTE-KBP200G_06 Datasheet
64Kb / 4P
   2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2W005G WTE-2W005G Datasheet
48Kb / 4P
   2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
UG2KB05 SMCDIODE-UG2KB05 Datasheet
377Kb / 5P
   Single-Phase 2.0A Glass Passivated Bridge Rectifier
Rev. A
logo
Won-Top Electronics
2KBP005M WTE-2KBP005M_06 Datasheet
64Kb / 4P
   2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBP200 WTE-GBP200 Datasheet
59Kb / 4P
   2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Unisonic Technologies
ABS22 UTC-ABS22 Datasheet
169Kb / 4P
   SINGLE PHASE 2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
2017
logo
DIYI Electronic Technol...
ABS22 DYELEC-ABS22 Datasheet
1Mb / 2P
   SINGLE PHASE 2.0A MP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
ABF22 DYELEC-ABF22 Datasheet
1Mb / 2P
   SINGLE PHASE 2.0A MP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Gulf Semiconductor
2KBP08M-E GULFSEMI-2KBP08M-E Datasheet
117Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 800V Current:2.0A
logo
Burland Technology Solu...
UG2KB05 BURLAND-UG2KB05 Datasheet
377Kb / 5P
   UG2KB05 THRU UG2KB100 Single-Phase 2.0A Glass Passivated Bridge Rectifier
Rev. A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com