Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM317 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LM317
Description  3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LM317 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LM317 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM317 Datasheet HTML 2Page - List of Unclassifed Manufacturers LM317 Datasheet HTML 3Page - List of Unclassifed Manufacturers LM317 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CORPORATION
1/4
ISSUED DATE :2004/07/30
REVISED DATE :
G
G E
E L
L M
M 331177
33 -- T
T E
E R
R M
M II N
N A
A L
L 11 A
A P
P O
O S
S II T
T II V
V E
E A
A D
D JJ U
U S
S T
T A
A B
B L
L E
E V
V O
O L
L T
T A
A G
G E
E R
R E
E G
G U
U L
L A
A T
T O
O R
R
Description
The GELM317 is an adjustable 3-termial positive voltage regulator, designed to supply more than 1.5A of
output current with voltage adjustable from 1.3 to 37V.
Features
*Output current up to 1.5A.
*Output voltage adjustable from 1.3V to 37V.
*Internal short circuit protection.
*Internal over temperature protection.
*Safe-Area compensation for output transistor.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.80
c1
1.25
1.45
b
0.76
1.0
b1
1.17
1.47
c
0.36
0.50
L
13.25
14.25
D
8.60
9.00
e
2.54 REF.
E
9.80
10.4
L1
2.60
2.89
L4
14.7
15.3
Ø
3.71
3.96
L5
6.20
6.60
A1
2.60
2.80


Similar Part No. - LM317

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM317 NSC-LM317 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
logo
Tiger Electronic Co.,Lt...
LM317 TGS-LM317 Datasheet
157Kb / 3P
   3-Terminal Positive Adjustable Regulator
logo
List of Unclassifed Man...
LM317 ETC2-LM317 Datasheet
308Kb / 3P
   3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM317 ETL-LM317 Datasheet
255Kb / 5P
   HIGH CURRENT 1.3V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
ON Semiconductor
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
More results

Similar Description - LM317

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLM317 UTC-UTCLM317 Datasheet
29Kb / 4P
   3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Continental Device Indi...
LM317 CDIL-LM317 Datasheet
402Kb / 4P
   3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
First Silicon Co., Ltd
FR317LSC FS-FR317LSC Datasheet
484Kb / 3P
   3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
FR317P FS-FR317P Datasheet
280Kb / 5P
   3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
FR317L FS-FR317L Datasheet
197Kb / 5P
   3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317_13 Datasheet
786Kb / 15P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317 BCDSEMI-AZ317 Datasheet
177Kb / 14P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317 BCDSEMI-AZ317_07 Datasheet
183Kb / 14P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com