Selected language     English  ā–¼


GJLM317 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. GJLM317
Description  3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 2 page
background image
CORPORATION
GJLM317
Page: 2/3
ISSUED DATE :2003/07/29
REVISED DATE :2006/06/01B
Electrical Characteristics
(Vi-Vo=5V, 0 : < Tj < 125 ,
: Io=500mA, IMax= 1.5A, PMax=20W, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
TYP
Max
Unit
Ta=25 : , 3V Vi-Vo 40V
-
0.01
0.04
%/V
Line Regulation
Vo
Ta=0~125 : , 3V Vi-Vo 40V
-
0.02
0.07
%/V
Ta=25 :
Vo 6V
-
18
25
mV
10mA Io IMax
Vo 5V
-
0.4
0.5
%/Vo
Vo 5V
-
40
70
mV
Load Regulation
Vo
10mA Io IMax
Vo 6V
-
0.8
1.5
%/Vo
Adjustable Pin Current
IADJ
-
46
100
A
Adjustable Pin Current Change
IADJ
2.5V Vi-Vo 40V,
10mA Io IMax, PD PMax
-
2.0
5
A
Reference Voltage
VREF
3V Vi-Vo 40V,
10mA Io IMax, PD PMax
1.20
1.25
1.30
V
Temperature Stability
STT
-
0.7
-
%/Vo
Minimum Load Current for Regulation
IL(Min)
Vi-Vo=40V
-
3.5
10
mA
Vi-Vo 15V, PD PMax
1.5
2.2
-
Maximum Output Current
Io(Max)
Vi-Vo 15V, PD PMax, Ta=25 :
0.15
0.4
-
A
RMS Noise v.s. % of Vout
eN
Ta=25 : , 10Hz f 10KHz
-
0.003
0.01
%/Vo
Vo=10V, f=120Hz
-
60
-
Ripple Rejection
RR
Vo=10V, f=120Hz, Cadj=10 F
66
75
-
dB
Long-term Stability, Tj=Thigh
ST
Ta=25 ,1000hr
:
-
0.3
1
%
Junction to Case Thermal Resistance
R jc
-
-
5
-
/W
:
*Note: Testing with low duty pulse should be used to avoid heating effect.
Characteristics Curve




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GELM3173-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR 1 2 3 4 List of Unclassifed Manufacturers
LM317_061.5 A Adjustable Output Positive Voltage Regulator 1 2 3 4 5 MoreON Semiconductor
LM317L_05100 mA Adjustable Output Positive Voltage Regulator 1 2 3 4 5 MoreON Semiconductor
AP10861.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR 1 2 3 4 5 MoreDiodes Incorporated
LM317M3-TERMINAL 0.5A POSITIVE ADJUSTABLE REGULATOR 1 2 3 4 5 MoreUnisonic Technologies
LM317M_06500 mA Adjustable Output Positive Voltage Regulator 1 2 3 4 5 MoreON Semiconductor
AP11861.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR 1 2 3 4 5 MoreDiodes Incorporated
LM78XX_053-TERMINAL 1A POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreUnisonic Technologies
KA78MXX_023-Terminal 0.5A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
AS78XX_071A 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl