Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GJ1117A-1.8 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # GJ1117A-1.8
Description  1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GJ1117A-1.8 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  GJ1117A-1.8 Datasheet HTML 1Page - List of Unclassifed Manufacturers GJ1117A-1.8 Datasheet HTML 2Page - List of Unclassifed Manufacturers GJ1117A-1.8 Datasheet HTML 3Page - List of Unclassifed Manufacturers GJ1117A-1.8 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GJ1117A
Page: 3/4
ISSUED DATE :2003/08/02
REVISED DATE :2006/12/14E
Electrical Characteristics
Parameter
Conditions
MIN
TYP
MAX UNIT
Reference Voltage
GJ1117AADJ
Io=10mA, Tj=25 ,
: (Vin-Vout )=1.5V
1.225 1.250 1.275
V
GJ1117A-1.5
Io=10mA, Tj=25 ,
: 3.0V Vin 12V
1.470 1.500 1.530
V
GJ1117A-1.8
Io=10mA, Tj=25 ,
: 3.3V Vin 12V
1.764 1.800 1.836
V
GJ1117A-2.5
Io=10mA, Tj=25 ,
: 4.0V Vin 12V
2.450 2.500 2.550
V
GJ1117A-3.3
Io=10mA, Tj=25 ,
: 4.8V Vin 12V
3.235 3.300 3.365
V
Output Voltage
GJ1117A-5.0
Io=10mA, Tj=25 ,
: 6.5V Vin 12V
4.900 5.000 5.100
V
Line Regulation
GJ1117A-XXX
Io=10mA, Vout+1.5V<Vin<12V, Tj=25 :
-
-
0.2
%
GJ1117AADJ
Vin=3.3V, Vadj=0, 0mA<Io<1A, Tj=25 : (Note 1,2)
-
-
1
%
GJ1117A-1.5
Vin=3.0V, 0mA<Io<1A, TJ=25 : (Note 1,2)
-
12
15
mV
GJ1117A-1.8
Vin=3.3V, 0mA<Io<1A, TJ=25 : (Note 1,2)
-
15
18
mV
GJ1117A-2.5
Vin=4.0V, 0mA<Io<1A, TJ=25 : (Note 1,2)
-
20
25
mV
GJ1117A-3.3
Vin=5.0V, 0mA<Io<1A, TJ=25 : (Note 1,2)
-
26
33
mV
Load Regulation
GJ1117A-5.0
Vin=8.0V, 0mA<Io<1A, TJ=25 : (Note 1,2)
-
40
50
mV
Dropout Voltage
(VIN-VOUT)
GJ1117A-XXX
Io=1A, ( Vout=0.1% Vout)
-
1.3
1.4
V
Current Limit
GJ1117A-XXX
Vin-Vout=5V
1.1
-
-
A
Minimum Load Current
Adjustable model
Vin=5V
-
5
10
mA
Adjust Pin Current
Adjustable model
Vin=12V, Io=10mA
-
50
100
uA
Quiescent Current
fixed model
Vin=12V, Io=0mA
-
-
12
mA
Thermal Regulation
TA=25 ,30ms pulse
:
-
0.008
0.04
%/W
F=120HZ,COUT=25uF Tantalum, IOUT=1A
Ripple Rejection
GJ1117A-XXX
VIN=VOUT+3V
-
60
70
dB
Temperature Stability
IO=10mA
-
0.5
-
%
JA
Thermal Resistance
Junction-to-Ambient(No
heat sink ;No air flow)
-
92
-
/
: W
JC
Thermal Resistance
Junction-to-Case
Control Circuitry/Power Transistor
-
10
-
/
: W
Note 1: See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation
are measured at a constant junction Temperature by low duty cycle pulse testing. Load regulation is measured at the
output lead =1/18” from the package.
Note 2: Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is
determined by the difference in input and output and the output current. Guaranteed maximum power dissipation will
not be available over the full input/output range.


Similar Part No. - GJ1117A-1.8

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GJ1117A GTM-GJ1117A Datasheet
245Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results

Similar Description - GJ1117A-1.8

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMA1117 KEXIN-KMA1117 Datasheet
107Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AMS1117 KEXIN-AMS1117 Datasheet
70Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
DONGGUAN YOU FENG WEI E...
YFW1117-XX YFWDIODE-YFW1117-XX Datasheet
476Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G1117A ETL-G1117A Datasheet
261Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com