Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VMICBL-000-F5-000000 Datasheet(PDF) 4 Page - General Electric Company

Part # VMICBL-000-F5-000000
Description  Ultrahigh Speed Fiber-Optic Reflective Memory with Interrupts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEC [General Electric Company]
Direct Link  http://www.ge.com
Logo GEC - General Electric Company

VMICBL-000-F5-000000 Datasheet(HTML) 4 Page - General Electric Company

  VMICBL-000-F5-000000 Datasheet HTML 1Page - General Electric Company VMICBL-000-F5-000000 Datasheet HTML 2Page - General Electric Company VMICBL-000-F5-000000 Datasheet HTML 3Page - General Electric Company VMICBL-000-F5-000000 Datasheet HTML 4Page - General Electric Company VMICBL-000-F5-000000 Datasheet HTML 5Page - General Electric Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
VMIVME-5565 Ultrahigh Speed Fiber-Optic Reflective Memory with Interrupts
Physical/Environmental Specifications
Power Requirements:
+5VDC (±5 percent), 5.0A maximum
Temperature:
Operating: 0 to +65° C with forced air cooling
Storage: -40 to +85° C
Relative Humidity: 20% to 80%, noncondensing
MTBF: 163,995 hours (Bellcore)
Data Transfers
Data written into the Reflective Memory is broadcast to all
nodes on the network without further involvement of the
sending or receiving nodes. Data is transferred from memory
locations on the sending nodes to corresponding memory
locations on the receiving nodes.
An illustration of a network example using Reflective Memory is
shown in Figure 1.
Trademarks
Windows and Windows NT are registered trademarks of
Microsoft Corporation. Other registered trademarks are the
property of their respective owners.
4


Similar Part No. - VMICBL-000-F5-000000

ManufacturerPart #DatasheetDescription
logo
Isabellenhütte Heu...
VMI ISABELLENHUETTE-VMI Datasheet
890Kb / 4P
   Precision resistors
VMI-R000-U ISABELLENHUETTE-VMI-R000-U Datasheet
715Kb / 2P
   Precision resistors
VMI-R010-5.0 ISABELLENHUETTE-VMI-R010-5.0 Datasheet
890Kb / 4P
   Precision resistors
logo
GHz Technology
VMIL100 GHZTECH-VMIL100 Datasheet
137Kb / 2P
   100 Watts, 28 Volts, Class AB Defcom 100 - 200 MHz
logo
List of Unclassifed Man...
VMIVME-4905 ETC2-VMIVME-4905 Datasheet
89Kb / 3P
   High Power Digital-to-Synchro/Resolver Converter Board
More results

Similar Description - VMICBL-000-F5-000000

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPF1402 OPTEK-OPF1402 Datasheet
482Kb / 2P
   HIGH SPEED FIBER OPTIC TRANSMITTER
logo
TT Electronics.
OPF1412T TTELEC-OPF1412T Datasheet
929Kb / 4P
   High Speed Fiber Optic Transmitter
OPF1412 TTELEC-OPF1412 Datasheet
613Kb / 3P
   High Speed Fiber Optic Transmitter
logo
OPTEK Technologies
OPF1412 OPTEK-OPF1412 Datasheet
347Kb / 4P
   High Speed Fiber Optic Transmitter
logo
Micro Linear Corporatio...
ML6633 MICRO-LINEAR-ML6633 Datasheet
93Kb / 5P
   High Speed Fiber Optic LED Driver
logo
OPTEK Technologies
OPF342A OPTEK-OPF342A Datasheet
313Kb / 2P
   Fiber Optic GaAlAs High Speed LED
OPF432 OPTEK-OPF432 Datasheet
273Kb / 2P
   FIBER OPTIC HIGH SPEED PIN PHOTODIODE
OPF431 OPTEK-OPF431 Datasheet
297Kb / 2P
   FIBER OPTIC HIGH SPEED PIN PHOTODIODE
OPF347A OPTEK-OPF347A Datasheet
268Kb / 2P
   Fiber Optic GaAIAs High Speed LED
OPF392A OPTEK-OPF392A Datasheet
318Kb / 2P
   Fiber Optic GaAIAs High Speed LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com