Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM42-0007 Datasheet(PDF) 1 Page - Tyco Electronics

Part # AM42-0007
Description  GaAs MMIC VSAT Power Amplifier 1.4W 14.0 - 14.5GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM42-0007 Datasheet(HTML) 1 Page - Tyco Electronics

  AM42-0007 Datasheet HTML 1Page - Tyco Electronics AM42-0007 Datasheet HTML 2Page - Tyco Electronics AM42-0007 Datasheet HTML 3Page - Tyco Electronics AM42-0007 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GaAs MMIC VSAT Power Amplifier, 2.0 W
14.0 - 14.5 GHz
AM42-0007
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V5
1
RoHS
Compliant
Features
• High Linear Gain: 22 dB Typical
• High Saturated Output Power: +33 dBm Typical
• High Power Added Efficiency: 22% Typical
• High P1dB: 32 dBm Typ.
• 50 Ω Input/Output Broadband Matched
• Integrated Output Power Detector
• Lead-Free Ceramic Bolt Down Package
• RoHS* Compliant and 260°C Reflow Compatible
Description
M/A-COM’s AM42-0007 is a three-stage MMIC
linear power amplifier in a lead-free, ceramic bolt
down style hermetic package.
The AM42-0007
employs a fully matched chip with internally
decoupled gate and drain bias networks and an
output power detector. The AM42-0007 is designed
to be operated from a constant voltage drain supply.
The AM42-0007 is designed for use as an output
stage or a driver, in applications for VSAT systems.
This design is fully monolithic and requires a
minimum of external components.
M/A-COM’s AM42-0007 is fabricated using a mature
0.5 micron GaAs MESFET process. The process
features full passivation for increased performance
and reliability. This product is 100% RF tested to
ensure compliance to performance specifications.
Ordering Information
Part Number
Package
AM42-0007
Ceramic Bolt Down Package
Pin Configuration
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Pin No.
Pin Name
Description
1
GND
DC and RF Ground
2
GND
DC and RF Ground
3
IN
RF Input
4
VGG
Gate Supply
5
GND
DC and RF Ground
6
VDD
Voltage Drain Supply
7
VDET
Output Power Detector
8
OUT
RF Output
9
GND
DC and RF Ground
10
GND
DC and RF Ground
GND
GND
VGG
RFIN
GND
VDD
VDET
RFOUT
GND
GND
Functional Schematic


Similar Part No. - AM42-0007

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM42-0007 MACOM-AM42-0007 Datasheet
39Kb / 3P
   GaAs MMIC VSAT Power Amplifier 2.0W 14.0 - 14.5 GHz
logo
M/A-COM Technology Solu...
AM42-0007 MA-COM-AM42-0007 Datasheet
166Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W 14.0 - 14.5 GHz
AM42-0007 MA-COM-AM42-0007 Datasheet
217Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W
AM42-0007 MA-COM-AM42-0007 Datasheet
217Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W
logo
Tyco Electronics
AM42-0007-DIE MACOM-AM42-0007-DIE Datasheet
507Kb / 2P
   GaAs MMIC VSAT Power Amplifier 2W 14.0 - 14.5GHz
More results

Similar Description - AM42-0007

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM42-0007-DIE MACOM-AM42-0007-DIE Datasheet
507Kb / 2P
   GaAs MMIC VSAT Power Amplifier 2W 14.0 - 14.5GHz
AM42-0002 MACOM-AM42-0002 Datasheet
134Kb / 4P
   GaAs MMIC VSAT Power Amplifier 1.4W
AM42-0041 MACOM-AM42-0041 Datasheet
204Kb / 3P
   GaAs MMIC VSAT Power Amplifier, 0.5W 14.0 - 14.5 GHz
AM42-0007 MACOM-AM42-0007 Datasheet
39Kb / 3P
   GaAs MMIC VSAT Power Amplifier 2.0W 14.0 - 14.5 GHz
logo
M/A-COM Technology Solu...
AM42-0041 MA-COM-AM42-0041 Datasheet
143Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 0.5 W 14.0 - 14.5 GHz
AM42-0002 MA-COM-AM42-0002 Datasheet
167Kb / 4P
   GaAs MMIC VSAT Power Amplifier 1.4 W 14.0 - 14.5 GHz
AM42-0007 MA-COM-AM42-0007 Datasheet
166Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W 14.0 - 14.5 GHz
AM42-0007_V8 MA-COM-AM42-0007_V8 Datasheet
217Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W
AM42-0040 MA-COM-AM42-0040_15 Datasheet
613Kb / 5P
   GaAs MMIC VSAT Power Amplifier 2.0 W
AM42-0002 MA-COM-AM42-0002_15 Datasheet
654Kb / 5P
   GaAs MMIC VSAT Power Amplifier, 1.4 W
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com