Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM42-0039 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM42-0039
Description  2Watt C-Band VSAT Power Amplifier 5.9-7.1GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM42-0039 Datasheet(HTML) 2 Page - Tyco Electronics

  AM42-0039 Datasheet HTML 1Page - Tyco Electronics AM42-0039 Datasheet HTML 2Page - Tyco Electronics AM42-0039 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 Watt C-Band VSAT Power Amplifier
5.9 - 7.1 GHz
AM42-0039
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
2
RoHS
Compliant
Electrical Specifications: TA =+25°C, VDD = +8 V, VGG adjusted for IDD = 900 mA, F = 5.9 - 7.1 GHz
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Linear Gain
PIN = -10 dBm
dB
31
33
35
Input VSWR
PIN = -10 dBm
Ratio
2.5:1
3.0:1
Output VSWR
PIN = -10 dBm
Ratio
2.5:1
Output Power
PIN = +3 dBm, Ids = 900 mA Typ.
dBm
31.7
33.0
Output Power vs. Frequency
PIN = +3 dBm, Ids = 900 mA Typ. (5.9 to 6.4 GHz)
PIN = +3 dBm, Ids = 900 mA Typ. (6.4 to 7.1 GHz)
dB
dB
±0.3
±0.3
±0.75
±0.75
Output Power vs. Temperature
TA = -40°C to +85°C, PIN = +7 dBm
dB
±0.4
Drain Bias Current
PIN = +3 dBm
mA
800
900
1000
Gate Bias Voltage
PIN = +3 dBm, Ids = 900 mA Typ.
V
-2.0
-1.2
-0.4
Gate Bias Current
PIN = +3 dBm, Ids = 900 mA Typ.
mA
10
20
Thermal Resistance (qJC)
25°C Heat Sink
°C/W
7.0
Second Harmonic
PIN = +3 dBm, Ids = 900 mA Typ.
dBc
-35
Third Harmonic
PIN = +3 dBm, Ids = 900 mA Typ.
dBc
-45
Detector Voltage
PIN = +3 dBm, Ids = 900 mA Typ.
V
4.0
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Operating the AM42-0039
The AM42-0039 is static sensitive. Please handle
with care. To operate the device, follow these steps.
1. Apply -2.0 Volts to VGG.
2. Ramp VDD to +8V.
3. Adjust VGG to set quiescent drain current .
4. Apply RF.
5. Power down in reverse sequence.
Turn gate
voltage off last.
Parameter
Absolute Maximum
Input Power
+15 dBm
Operating Voltages
VDD = +10 volts;
VGG = -3 volts;
VDD - VGG = 12 volts
Ids
1200 mA
Channel Temperature
+150 °C
Operating Temperature
-40 °C to +80 °C
Storage Temperature
-65 °C to +150 °C
Absolute Maximum Ratings
1,2,3
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. M/A-COM does not recommend sustained operation near
these survivability limits.
3. Adequate heat sinking and grounding required on flange base.


Similar Part No. - AM42-0039

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM42-0039 MACOM-AM42-0039 Datasheet
40Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2W 6.40 - 7.025 GHz
logo
M/A-COM Technology Solu...
AM42-0039 MA-COM-AM42-0039 Datasheet
83Kb / 3P
   2 Watt C-Band VSAT Power Amplifier 5.9 - 7.1 GHz
AM42-0039 MA-COM-AM42-0039 Datasheet
83Kb / 3P
   2 Watt C-Band VSAT Power Amplifier
AM42-0039 MA-COM-AM42-0039_15 Datasheet
611Kb / 4P
   2 Watt C-Band VSAT Power Amplifier
More results

Similar Description - AM42-0039

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AM42-0039 MA-COM-AM42-0039 Datasheet
83Kb / 3P
   2 Watt C-Band VSAT Power Amplifier 5.9 - 7.1 GHz
logo
Tyco Electronics
AM42-0046 MACOM-AM42-0046 Datasheet
189Kb / 3P
   4 Watt Extended C-Band VSAT Power Amplifier 5.9 - 7.1 GHz
logo
M/A-COM Technology Solu...
AM42-0046 MA-COM-AM42-0046 Datasheet
129Kb / 3P
   4 Watt Extended C-Band VSAT Power Amplifier 5.9 - 7.1 GHz
AM42-0039 MA-COM-AM42-0039_15 Datasheet
611Kb / 4P
   2 Watt C-Band VSAT Power Amplifier
AM42-0039 MA-COM-AM42-0039 Datasheet
83Kb / 3P
   2 Watt C-Band VSAT Power Amplifier
logo
Tyco Electronics
AM42-0040 MACOM-AM42-0040_1 Datasheet
119Kb / 4P
   GaAs MMIC VSAT Power Amplifier 2.0W 5.9 - 6.4GHz
AM42-0040 MACOM-AM42-0040 Datasheet
40Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2W 5.9 - 6.4 GHz
logo
M/A-COM Technology Solu...
AM42-0040 MA-COM-AM42-0040 Datasheet
109Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W 5.9 - 6.4 GHz
logo
List of Unclassifed Man...
TAG-1035 ETC1-TAG-1035 Datasheet
492Kb / 2P
   5.8 to 6.4 GHz GaAs MMIC VSAT (C-BAND) Power Amplifier
logo
TriQuint Semiconductor
TGA2508-EPU-SM TRIQUINT-TGA2508-EPU-SM Datasheet
142Kb / 10P
   Ku-Band VSAT Packaged Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com