Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM50-0011 Datasheet(PDF) 3 Page - Tyco Electronics

Part # AM50-0011
Description  High Dynamic Range LNA, 800-1000 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM50-0011 Datasheet(HTML) 3 Page - Tyco Electronics

  AM50-0011_1 Datasheet HTML 1Page - Tyco Electronics AM50-0011_1 Datasheet HTML 2Page - Tyco Electronics AM50-0011_1 Datasheet HTML 3Page - Tyco Electronics AM50-0011_1 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
High Dynamic Range LNA,
800 - 1000 MHz
AM50-0011
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V7
3
Typical Performance Curves
Input VSWR
Output VSWR
P1dB
Input IP3
Gain
Noise Figure
0.0
0.5
1.0
1.5
2.0
800
850
900
950
1000
+25°C
-30°C
+85°C
Frequency (MHz)
1.0
1.2
1.4
1.6
1.8
2.0
800
850
900
950
1000
+25°C
-30°C
+85°C
Frequency (MHz)
1.0
1.2
1.4
1.6
1.8
2.0
800
850
900
950
1000
+25°C
-30°C
+85°C
Frequency (MHz)
10
12
14
16
18
20
800
850
900
950
1000
+25°C
-30°C
+ 85°C
Frequency (MHz)
10
12
14
16
18
20
800
850
900
950
1000
+25°C
-30°C
+85°C
Frequency (MHz)
15
16
17
18
19
20
800
850
900
950
1000
+25°C
-30°C
+85°C
Frequency (MHz)


Similar Part No. - AM50-0011_1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0011SMB MACOM-AM50-0011SMB Datasheet
112Kb / 4P
   High Dynamic Range LNA 800 - 1000 MHz
AM50-0011SMB MACOM-AM50-0011SMB Datasheet
182Kb / 4P
   High Dynamic Range LNA
AM50-0011TR MACOM-AM50-0011TR Datasheet
112Kb / 4P
   High Dynamic Range LNA 800 - 1000 MHz
AM50-0011TR MACOM-AM50-0011TR Datasheet
182Kb / 4P
   High Dynamic Range LNA
AM50-0011TR-3000 MACOM-AM50-0011TR-3000 Datasheet
182Kb / 4P
   High Dynamic Range LNA
More results

Similar Description - AM50-0011_1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0011 MACOM-AM50-0011 Datasheet
112Kb / 4P
   High Dynamic Range LNA 800 - 1000 MHz
MAALSS0040 MACOM-MAALSS0040 Datasheet
184Kb / 3P
   High Dynamic Range LNA 800 - 1000 MHz
MAAL-008091 MACOM-MAAL-008091 Datasheet
191Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
M/A-COM Technology Solu...
AM50-0003 MA-COM-AM50-0003 Datasheet
211Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
Tyco Electronics
AM50-0003 MACOM-AM50-0003 Datasheet
318Kb / 4P
   High Dynamic Range Low Noise Amplifier 800-1000 MHz
logo
M/A-COM Technology Solu...
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
Tyco Electronics
PA1215 MACOM-PA1215 Datasheet
50Kb / 2P
   800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1217 MACOM-PA1217 Datasheet
46Kb / 2P
   800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1220 MACOM-PA1220 Datasheet
49Kb / 2P
   800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
MAALSS0045 MACOM-MAALSS0045 Datasheet
144Kb / 4P
   High Dynamic Range LNA 1700 - 2400 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com