Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT6H Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MCT6H
Description  Optocoupler, Phototransistor Output, Dual Channel
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCT6H Datasheet(HTML) 3 Page - Vishay Siliconix

  MCT6H_04 Datasheet HTML 1Page - Vishay Siliconix MCT6H_04 Datasheet HTML 2Page - Vishay Siliconix MCT6H_04 Datasheet HTML 3Page - Vishay Siliconix MCT6H_04 Datasheet HTML 4Page - Vishay Siliconix MCT6H_04 Datasheet HTML 5Page - Vishay Siliconix MCT6H_04 Datasheet HTML 6Page - Vishay Siliconix MCT6H_04 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MCT6H / MCT62H
Document Number 83525
Rev. 1.4, 26-Oct-04
Vishay Semiconductors
www.vishay.com
3
Switching Characteristics
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Delay time
VS = 5 V, IC = 2 mA, RL = 100 Ω
(see figure 1)
td
3.0
µs
Rise time
VS = 5 V, IC = 2 mA, RL = 100 Ω
(see figure 1)
tr
3.0
µs
Fall time
VS = 5 V, IC = 2 mA, RL = 100 Ω
(see figure 1)
tf
4.7
µs
Storage time
VS = 5 V, IC = 2 mA, RL = 100 Ω
(see figure 1)
ts
0.3
µs
Turn-on time
VS = 5 V, IC = 2 mA, RL = 100 Ω
(see figure 1)
ton
6.0
µs
Turn-off time
VS = 5 V, IC = 2 mA, RL = 100 Ω
(see figure 1)
toff
5.0
µs
Figure 1. Test circuit, non-saturated operation
Channel I
Channel II
95 10804
RG = 50 W
tp
tp = 50 s
T
= 0.01
+ 5 V
IF
0
50
W
100
W
IF
IC = 2 mA; adjusted through
input amplitude
Oscilloscope
RL = 1 MW
CL = 20 pF
Figure 2. Switching Times
tp
t
t
0
0
10%
90%
100%
tr
td
ton
ts
tf
toff
IF
IC
96 11698
tp
pulse duration
td
delay time
tr
rise time
ton (= td +tr)
turn-on time
ts
storage time
tf
fall time
toff (= ts +tf)
turn-off time
Figure 3. Total Power Dissipation vs. Ambient Temperature
0
50
100
150
200
250
300
0
40
80
120
Tamb – Ambient Temperature( °C )
96 11700
Coupled device
Phototransistor
IR-diode
Figure 4. Forward Current vs. Forward Voltage
0.1
1
10
100
1000
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
VF - Forward Voltage(V)
96 11862


Similar Part No. - MCT6H_04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCT6H VISHAY-MCT6H_08 Datasheet
121Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.5, 14-Jan-08
More results

Similar Description - MCT6H_04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILCT6 VISHAY-ILCT6 Datasheet
141Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
ILCT6 VISHAY-ILCT6_07 Datasheet
123Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.5, 20-Dec-07
ILD610 VISHAY-ILD610 Datasheet
125Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.6, 26-Oct-04
ILD610 VISHAY-ILD610_08 Datasheet
124Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.8, 09-Jan-08
MCT6H VISHAY-MCT6H_08 Datasheet
121Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.5, 14-Jan-08
ILD1 VISHAY-ILD1 Datasheet
164Kb / 9P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.4, 05-Nov-04
ILD615 VISHAY-ILD615_07 Datasheet
192Kb / 13P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
TCET1200 VISHAY-TCET1200 Datasheet
273Kb / 10P
   Optocoupler, Phototransistor Output (Single, Dual Channel)
Rev. 1.5, 26-Oct-04
ILD3 VISHAY-ILD3 Datasheet
143Kb / 5P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
ILD621 VISHAY-ILD621_V01 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com