Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB6L14 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NB6L14
Description  2.5 V/3.3 V 3.0 GHz Differential 1:4 LVPECL Fanout Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6L14 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NB6L14 Datasheet HTML 2Page - ON Semiconductor NB6L14 Datasheet HTML 3Page - ON Semiconductor NB6L14 Datasheet HTML 4Page - ON Semiconductor NB6L14 Datasheet HTML 5Page - ON Semiconductor NB6L14 Datasheet HTML 6Page - ON Semiconductor NB6L14 Datasheet HTML 7Page - ON Semiconductor NB6L14 Datasheet HTML 8Page - ON Semiconductor NB6L14 Datasheet HTML 9Page - ON Semiconductor NB6L14 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NB6L14
http://onsemi.com
9
ORDERING INFORMATION
Device
Package
Shipping
NB6L14MNG
QFN-16, 3x3 mm
(Pb-Free)
123 Units / Rail
NB6L14MNR2G
QFN-16, 3x3 mm
(Pb-Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NB6L14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L14 ONSEMI-NB6L14 Datasheet
153Kb / 10P
   2.5 V/3.3 V 3.0 GHz Differential 1:4 LVPECL Fanout Buffer
December, 2006 ??Rev. 0
NB6L14M ONSEMI-NB6L14M Datasheet
154Kb / 11P
   2.5 V/3.3 V 3.0 GHz Differential 1:4 CML Fanout Buffer
December, 2006 ??Rev. 0
NB6L14MMNG ONSEMI-NB6L14MMNG Datasheet
154Kb / 11P
   2.5 V/3.3 V 3.0 GHz Differential 1:4 CML Fanout Buffer
December, 2006 ??Rev. 0
NB6L14MMNR2G ONSEMI-NB6L14MMNR2G Datasheet
154Kb / 11P
   2.5 V/3.3 V 3.0 GHz Differential 1:4 CML Fanout Buffer
December, 2006 ??Rev. 0
NB6L14MNG ONSEMI-NB6L14MNG Datasheet
153Kb / 10P
   2.5 V/3.3 V 3.0 GHz Differential 1:4 LVPECL Fanout Buffer
December, 2006 ??Rev. 0
More results

Similar Description - NB6L14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L14 ONSEMI-NB6L14 Datasheet
153Kb / 10P
   2.5 V/3.3 V 3.0 GHz Differential 1:4 LVPECL Fanout Buffer
December, 2006 ??Rev. 0
NB6L14M ONSEMI-NB6L14M Datasheet
154Kb / 11P
   2.5 V/3.3 V 3.0 GHz Differential 1:4 CML Fanout Buffer
December, 2006 ??Rev. 0
logo
Integrated Device Techn...
8T73S208B-01 IDT-8T73S208B-01 Datasheet
508Kb / 22P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8T73S208 RENESAS-8T73S208 Datasheet
837Kb / 23P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
June 15, 2016
logo
Integrated Device Techn...
8T73S208 IDT-8T73S208_16 Datasheet
532Kb / 22P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8T73S208B-01 RENESAS-8T73S208B-01 Datasheet
590Kb / 19P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
April 8, 2020
MC100ES6011 RENESAS-MC100ES6011 Datasheet
440Kb / 9P
   2.5 V/3.3 V ECL 1:2 Differential Fanout Buffer
2019
logo
ON Semiconductor
NB3L8504S ONSEMI-NB3L8504S Datasheet
295Kb / 11P
   2.5 V / 3.3 V 1:4 Differential Input to LVDS Fanout Buffer
November, 2014 ??Rev. 1
NB3L553 ONSEMI-NB3L553 Datasheet
74Kb / 6P
   2.5 V / 3.3 V / 5.0 V 1:4 Clock Fanout Buffer
March, 2006 ??Rev. 0
logo
Analog Devices
ADCLK944 AD-ADCLK944 Datasheet
227Kb / 12P
   2.5 V/3.3 V, Four LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com