Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT65-0213 Datasheet(PDF) 1 Page - Tyco Electronics

Part # AT65-0213
Description  Digital Attenuator 15dB, 4-Bit, TTL Driver, DC-3.0 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT65-0213 Datasheet(HTML) 1 Page - Tyco Electronics

  AT65-0213_1 Datasheet HTML 1Page - Tyco Electronics AT65-0213_1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
!
"
!
"
#
$ %&'' ()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
!
0
%0 ' 3 4
01 3
5
6
7
7
4
!8
3
!4 $ 7
$$56
1'
$
4 "
%9' 0& 3
11:
;&1:
$
$
<
7
"
=
$)1 '*0(
>
+?$ / "
0 ' 3
@
01
3
$
4
0)
$
$)1 '*0(
!
!
A
$
0
>B6
-
*
*
<+0
0'
0
(
>B6
00
>B6
/
B
0*
>B6
1
2
0
0(
2
0
)
2
0/
>B6
.
/
01
<+*
&
(
0)
>B6
0 ?
"
"
2
!
" #
$
%
!
" #
,
7
' '1 >C@
' 1 ( ' >C@
;*. 3
;(/ 3
$
/':
;&1:
4
$
)1:
;0*1:
;2
;1 12
2
& 12
2
(
' 1
2
;' 12
*
"
( 4
4 $$5
!


Similar Part No. - AT65-0213_1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT65-0213-TB MACOM-AT65-0213-TB Datasheet
210Kb / 2P
   Digital Attenuator, 15 dB, 4-Bit, TTL Driver, DC - 3.0 GHz
AT65-0213TR MACOM-AT65-0213TR Datasheet
210Kb / 2P
   Digital Attenuator, 15 dB, 4-Bit, TTL Driver, DC - 3.0 GHz
More results

Similar Description - AT65-0213_1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT90-0413 MACOM-AT90-0413_1 Datasheet
242Kb / 5P
   Digital Attenuator 15dB, 4-Bit, TTL Driver, DC-4.0 GHz
AT-233-PIN MACOM-AT-233-PIN Datasheet
168Kb / 4P
   Digital Attenuator, 15dB, 4-Bit, TTL Driver, DC - 2.0 GHz
AT90-1413 MACOM-AT90-1413_1 Datasheet
261Kb / 5P
   Digital Attenuator, 15dB, 4-Bit, TTL Driver DC - 4.0 GHz
AT65-0233 MACOM-AT65-0233_1 Datasheet
268Kb / 3P
   Digital Attenuator 30dB, 4-Bit, TTL Driver, DC-3.0 GHz
AT65-0413 MACOM-AT65-0413_1 Datasheet
321Kb / 3P
   Digital Attenuator 15.5dB, 4-Bit, TTL Driver, DC-3.0 GHz
MAATCC0006 MACOM-MAATCC0006 Datasheet
247Kb / 5P
   Digital Attenuator 30.0dB, 4-Bit, TTL Driver, DC-3.0 GHz
AT65-0413 MACOM-AT65-0413 Datasheet
246Kb / 3P
   Digital Attenuator, 15 dB, 4-Bit, TTL Driver, DC - 3.0 GHz
AT-213-PIN MACOM-AT-213-PIN Datasheet
159Kb / 1P
   Digital Attenuator, 15.0 dB, 4-Bit, TTL Driver, DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0008 MA-COM-MAATCC0008 Datasheet
134Kb / 4P
   Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
AT65-0233 MA-COM-AT65-0233 Datasheet
129Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com