Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH16S72PHC-10 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # MH16S72PHC-10
Description  1207959552-BIT (16777216 - WORD BY 72-BIT)SynchronousDRAM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH16S72PHC-10 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  MH16S72PHC-10 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH16S72PHC-10 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH16S72PHC-10 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH16S72PHC-10 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH16S72PHC-10 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH16S72PHC-10 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH16S72PHC-10 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH16S72PHC-10 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH16S72PHC-10 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
MH16S72PHC -7,-8, -10
1207959552-BIT (16777216 - WORD BY 72-BIT)SynchronousDRAM
MITSUBISHI LSIs
(
/ 55 )
MITSUBISHI
ELECTRIC
11/Jan. /1999
Preliminary Spec.
Some contents are subject to change without notice.
MIT-DS-0300-0.0
Serial Presence Detect Table II
31
Density of each bank on module
64MByte
10
36-61
Superset Information (may be used in future)
option
00
62
SPD Revision
rev 1
01
63
Checksum for bytes 0-62
Check sum for -8
68
64-71
Manufactures Jedec ID code per JEP-108E
MITSUBISHI
1CFFFFFFFFFFFFFF
72
Manufacturing location
Miyoshi,Japan
01
Tajima,Japan
02
NC,USA
03
Germany
04
73-90
Manufactures Part Number
MH16S72PHC-8
91-92
Revision Code
PCB revision
rrrr
93-94
Manufacturing date
year/week code
yyww
95-98
Assembly Serial Number
serial number
ssssssss
99-125
Manufacture Specific Data
option
00
126
Intetl specification frequency
100MHz
64
127
Intel specification CAS# Latency support
06
128+
Unused storage locations
open
00
MH16S72PHC-10
32
Command and Address signal input setup time
-7,-8
-10
2ns
N/A
20
00
20
00
33
Command and Address signal input hold time
-7,-8
-10
1ns
N/A
10
00
34
Data signal input setup time
-7,-8
-10
2ns
N/A
35
Data signal input hold time
-7,-8
-10
1ns
N/A
10
00
-7,-8
-10
rev 1.2A
12
Check sum for -7
28
MH16S72PHC-7
4D4831365337325048432D37202020202020
-7,-8
-10
66MHz
66
-7
-10
FF
5
Check sum for -10
65
CL=2/3,AP,CK0-3
CL=2/3
4D4831365337325048432D38202020202020
4D4831365337325048432D31302020202020
-8
FD
CL=3,AP,CK0-3


Similar Part No. - MH16S72PHC-10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH16S72PHB-10 MITSUBISHI-MH16S72PHB-10 Datasheet
590Kb / 55P
   1207959552-BIT (16777216 - WORD BY 72-BIT)SynchronousDRAM
MH16S72PHB-6 MITSUBISHI-MH16S72PHB-6 Datasheet
573Kb / 40P
   1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH16S72PHB-7 MITSUBISHI-MH16S72PHB-7 Datasheet
590Kb / 55P
   1207959552-BIT (16777216 - WORD BY 72-BIT)SynchronousDRAM
MH16S72PHB-8 MITSUBISHI-MH16S72PHB-8 Datasheet
590Kb / 55P
   1207959552-BIT (16777216 - WORD BY 72-BIT)SynchronousDRAM
More results

Similar Description - MH16S72PHC-10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH16S72BAMD-7 MITSUBISHI-MH16S72BAMD-7 Datasheet
592Kb / 55P
   1207959552-BIT (16777216 - WORD BY 72-BIT)SynchronousDRAM
MH16S72AMA-8 MITSUBISHI-MH16S72AMA-8 Datasheet
1Mb / 52P
   1207959552-BIT (16777216 - WORD BY 72-BIT)SynchronousDRAM
MH16S72PHB-7 MITSUBISHI-MH16S72PHB-7 Datasheet
590Kb / 55P
   1207959552-BIT (16777216 - WORD BY 72-BIT)SynchronousDRAM
MH16S72DAMD-6 MITSUBISHI-MH16S72DAMD-6 Datasheet
718Kb / 55P
   1207959552-BIT (16777216 - WORD BY 72-BIT)Synchronous DRAM
MH16S72PJB-7 MITSUBISHI-MH16S72PJB-7 Datasheet
733Kb / 56P
   1207959552-BIT ( 16777216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH16V72AWJ-5 MITSUBISHI-MH16V72AWJ-5 Datasheet
195Kb / 20P
   FAST PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16S64PHB-7 MITSUBISHI-MH16S64PHB-7 Datasheet
589Kb / 55P
   1073741824-BIT (16777216 - WORD BY 64-BIT)SynchronousDRAM
MH16V725BATJ-5 MITSUBISHI-MH16V725BATJ-5 Datasheet
149Kb / 22P
   HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V725BWJ-5 MITSUBISHI-MH16V725BWJ-5 Datasheet
129Kb / 22P
   HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16S64FFB-10 MITSUBISHI-MH16S64FFB-10 Datasheet
580Kb / 55P
   1073741824-BIT (16777216 - WORD BY 64-BIT)SynchronousDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com